Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 10 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 10 Page - Altera Corporation

Back Button ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation ES1010SI Datasheet HTML 10Page - Altera Corporation ES1010SI Datasheet HTML 11Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page 10
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
Document Revision History
The table lists the revision history for this document.
TABLE 3. BILL OF MATERIALS, EVB-ES1010SI
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
U1
ES1010SI
Altera Enpirion
Q1
N-FET
11.5m
, 30V, 11.5A Logic Level N-Channel Power MOSFET or
equivalent
R1
Load Current Sense Resistor
WSL-2512 10m
 1W Metal Strip Resistor
R2
Gate Stability Resistor
20
 0603 Chip Resistor
R3
Overcurrent Voltage Threshold Set Resistor
1.24k
 0603 Chip Resistor (Vth = 24.8mV)
R4
POK Pull up Resistor
10k
 0603 Chip Resistor
C1
Gate Timing Capacitor
0.001µF 0402 Chip Capacitor (<2ms)
C2
IC Decoupling Capacitor
0.1µF 0402 Chip Capacitor
C3
Time Delay Set Capacitor
0.01µF 0402 Chip Capacitor (1ms)
J1
Bias Voltage Selection Jumper
Install if switched rail voltage is = +12V.
J2
EN Disable
Install J2 to disable U2. Connects EN to GND.
Date
Version
Changes
March 2014
1.0
Initial release.
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com