Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 3 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 3 Page - Altera Corporation

  ES1010SI Datasheet HTML 1Page - Altera Corporation ES1010SI Datasheet HTML 2Page - Altera Corporation ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
Absolute Maximum Ratings T
A = +25°C
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VIN + 8V
ISEN+, POK, EN, CLTIM, ISET- . . . . . . . . . . . -0.3V to VIN + 0.3V
Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . +12V ±15%
Temperature Range (
TA) . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250V
Thermal Resistance (Typical, Note 2)
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . —
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
3. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VIN = 12V, TA = TJ = full temperature range, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
CURRENT CONTROL
ISET- Current Source
IISET_ft
17
20
22
µA
ISET- Current Source
IISET_pt
TJ = +15°C to +55°C
19
20
21
µA
Current Limit Amp Offset
Voltage
Vio_ft
VISET- - VISEN+
-4.5
0
4.5
mV
Current Limit Amp Offset
Voltage
Vio_pt
VISET- - VISEN+, TJ = +15°C to +55°C
-2
0
2
mV
GATE DRIVE
GATE Response Time to
Severe OC
pd_woc_amp
VGATE to 10.8V
-
100
-
ns
GATE Response Time to
Overcurrent
pd_oc_amp
VGATE to 10.8V
-
600
-
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
10.8
14
16.7
µA
GATE Pull-Down Current
OC_GATE_I_4V
Overcurrent
45
82
124
mA
GATE Pull-Down Current
(Note 4)
WOC_GATE_I_4V
Severe Overcurrent
-
0.8
-
A
Undervoltage Threshold
12VUV_VTH
8.9
9.6
10.2
V
GATE High Voltage
12VG
GATE Voltage
VIN + 5.7V
VIN +
6.5V
-
V
BIAS
VIN Supply Current
IVIN
-
3
3.9
mA
VIN POR Rising
Threshold
VIN_POR_L2H
VIN Low to High
7
8.4
9
V
VIN POR Falling
Threshold
VIN_POR_H2L
VIN High to Low
6.9
8.1
8.7
V
VIN POR Threshold
Hysteresis
VIN_POR_HYS
VIN_POR_L2H - VIN_POR_H2L
0.1
0.3
0.5
V
Maximum EN Pull-Up
Voltage
PWRN_PUV
Maximum External Pull-up Voltage
-
5
-
V
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com