Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 4 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 4 Page - NEC

  2SC5369 Datasheet HTML 1Page - NEC 2SC5369 Datasheet HTML 2Page - NEC 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC5369
4
S PARAMETER
VCE = 1 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.963
–8.3
3.846
172.1
0.013
74.6
0.913
–7.1
200.00
0.950
–16.3
3.745
164.4
0.026
73.7
0.907
–12.4
300.00
0.930
–24.1
3.656
156.0
0.037
69.1
0.911
–17.6
400.00
0.910
–31.4
3.531
148.9
0.050
64.7
0.908
–23.0
500.00
0.888
–38.6
3.428
143.4
0.060
60.4
0.911
–27.4
600.00
0.866
–45.2
3.272
137.3
0.070
55.7
0.911
–31.7
700.00
0.845
–51.3
3.144
131.8
0.078
51.0
0.899
–35.6
800.00
0.824
–57.0
2.999
126.6
0.085
46.9
0.883
–38.7
900.00
0.803
–62.4
2.880
121.3
0.089
42.7
0.874
–41.9
1000.00
0.779
–67.8
2.769
116.8
0.097
39.8
0.853
–44.9
1100.00
0.757
–72.6
2.654
112.4
0.101
36.8
0.833
–46.9
1200.00
0.731
–77.3
2.546
108.0
0.105
33.2
0.820
–49.5
1300.00
0.706
–81.8
2.467
103.9
0.109
30.1
0.806
–52.5
1400.00
0.682
–86.1
2.376
100.5
0.112
27.3
0.789
–54.4
1500.00
0.656
–90.6
2.295
96.6
0.114
24.8
0.776
–56.8
1600.00
0.633
–95.2
2.249
93.2
0.116
22.4
0.765
–59.2
1700.00
0.609
–100.1
2.195
89.7
0.119
20.3
0.751
–61.0
1800.00
0.588
–105.2
2.151
85.9
0.120
17.9
0.744
–63.0
1900.00
0.566
–111.0
2.123
81.8
0.122
15.3
0.732
–65.6
2000.00
0.547
–117.5
2.093
77.8
0.124
12.9
0.714
–67.5
2100.00
0.530
–124.4
2.045
73.6
0.125
9.8
0.706
–69.7
2200.00
0.512
–131.6
1.994
68.7
0.123
7.2
0.685
–72.5
2300.00
0.496
–139.4
1.941
64.0
0.124
4.9
0.668
–75.5
2400.00
0.485
–146.6
1.875
59.7
0.121
2.7
0.653
–78.0
2500.00
0.475
–153.4
1.795
55.6
0.118
0.1
0.641
–81.6
2600.00
0.469
–159.7
1.717
51.6
0.115
–1.7
0.621
–85.2
2700.00
0.469
–165.0
1.652
48.0
0.113
–3.2
0.622
–88.2
2800.00
0.469
–169.9
1.586
45.1
0.110
–4.9
0.618
–92.4
2900.00
0.471
–173.9
1.510
41.9
0.107
–6.2
0.615
–95.9
3000.00
0.477
–177.5
1.466
38.6
0.103
–7.6
0.622
–99.2
VCE = 1 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.906
–12.6
9.595
169.0
0.013
72.7
0.888
–9.8
200.00
0.879
–24.3
9.124
158.8
0.024
70.1
0.869
–17.6
300.00
0.837
–35.6
8.660
148.3
0.035
64.4
0.856
–24.7
400.00
0.796
–45.9
8.156
139.6
0.044
59.6
0.830
–32.8
500.00
0.755
–55.7
7.668
133
0.053
53.3
0.816
–37.1
600.00
0.718
–64.0
7.087
126.2
0.059
48.9
0.800
–42.1
700.00
0.683
–71.6
6.629
120.2
0.064
44.7
0.769
–46.3
800.00
0.649
–78.3
6.17
114.8
0.068
41.2
0.736
–48.9
900.00
0.619
–84.5
5.773
109.3
0.071
38.5
0.722
–51.8
1000.00
0.586
–91.1
5.405
104.9
0.075
35.7
0.690
–55.0
1100.00
0.557
–96.2
5.085
100.7
0.078
33.6
0.661
–56.3
1200.00
0.528
–101.4
4.789
96.6
0.080
31.6
0.648
–58.4
1300.00
0.500
–106.7
4.553
92.6
0.081
29.2
0.626
–61.6
1400.00
0.476
–111.7
4.320
89.5
0.082
27.6
0.607
–62.4
1500.00
0.452
–116.8
4.106
85.9
0.082
26.4
0.597
–64.5
1600.00
0.429
–122.6
3.954
82.5
0.084
25.1
0.584
–66.9
1700.00
0.410
–128.6
3.801
79.3
0.086
24.6
0.570
–68.1
1800.00
0.393
–135.0
3.661
75.7
0.086
23.8
0.563
–69.6
1900.00
0.377
–142.4
3.545
72.0
0.087
22.5
0.549
–72.4
2000.00
0.367
–150.0
3.42
68.4
0.088
21.9
0.530
–73.7
2100.00
0.361
–157.8
3.290
65.0
0.088
20.4
0.521
–75.7
2200.00
0.356
–165.9
3.156
60.9
0.089
19.3
0.502
–78.5
2300.00
0.356
–173.4
3.023
57.4
0.088
18.7
0.483
–81.3
2400.00
0.363
179.8
2.893
54.0
0.088
18.1
0.471
–83.6
2500.00
0.364
174.0
2.759
50.9
0.088
17.2
0.463
–87.6
2600.00
0.373
169.4
2.629
48.0
0.086
17.1
0.444
–91.3
2700.00
0.384
165.3
2.528
45.1
0.086
16.9
0.447
–94.1
2800.00
0.391
161.9
2.434
42.9
0.086
16.9
0.447
–98.8
2900.00
0.401
159.0
2.319
40.4
0.086
16.7
0.445
–102.2
3000.00
0.412
156.3
2.254
37.4
0.086
17.0
0.455
–105.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com