Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 1 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 1 Page - NEC

  2SC5369 Datasheet HTML 1Page - NEC 2SC5369 Datasheet HTML 2Page - NEC 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2SC5369
SILICON TRANSISTOR
Document No. P11644EJ1V0DS00 (1st edition)
Date Published September 1996 P
Printed in Japan
FEATURES
• High fT
14 GHz TYP.
• High gain
| S21e | 2 = 14 dB TYP.
@f = 2 GHz, VCE = 3 V, IC = 10 mA
• NF = 1.3 dB, @f = 2 GHz, VCE= 3 V, IC = 3 mA
• 6-pin small mini mold package
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
TI
150
°C
Storage Temperature
Tstg
–65 to +150
°C
PACKAGE DIMENSION (in mm)
PIN CONNECTIONS
1. Emitter
4. Emitter
2. Emitter
5. Emitter
3. Base
6. Collector
NPN EPITAXIAL SILICON TRANSISTOR FOR
MICROWAVE AMPLIFICATION
©
1996
PRELIMINARY DATA SHEET
2.1±0.1
1.25±0.1


Similar Part No. - 2SC5369

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5369 RENESAS-2SC5369 Datasheet
294Kb / 14P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC5369

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3603 NEC-2SC3603 Datasheet
89Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC5408 NEC-2SC5408 Datasheet
50Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
2SC5409 NEC-2SC5409 Datasheet
39Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
NE698M01 NEC-NE698M01 Datasheet
60Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIFH-GAIN AMPLIFICATION
NE699M01 NEC-NE699M01 Datasheet
50Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
logo
New Jersey Semi-Conduct...
2SC3604 NJSEMI-2SC3604 Datasheet
198Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com