Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 8 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC 2SC5369 Datasheet HTML 10Page - NEC 2SC5369 Datasheet HTML 11Page - NEC 2SC5369 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5369
8
S PARAMETER
VCE = 2 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.760
–20.5
22.891
163.4
0.009
68.3
0.850
–13.1
200.00
0.707
–38.8
20.801
149.0
0.016
65.3
0.802
–23.2
300.00
0.635
–55.2
18.567
135.9
0.022
59.9
0.755
–31.3
400.00
0.573
–68.8
16.493
125.5
0.027
55.4
0.701
–41.4
500.00
0.525
–81.1
14.602
118.5
0.029
51.6
0.661
–42.3
600.00
0.487
–91.1
12.974
111.7
0.033
48.2
0.646
–45.6
700.00
0.454
–99.3
11.679
106.3
0.035
47.4
0.608
–48.6
800.00
0.423
–106.0
10.503
101.4
0.036
45.6
0.578
–48.3
900.00
0.394
–112.2
9.577
96.4
0.037
45.2
0.578
–50.4
1000.00
0.372
–119.9
8.728
92.8
0.040
45.4
0.541
–52.9
1100.00
0.350
–124.7
8.056
89.3
0.042
45.3
0.525
–52.1
1200.00
0.327
–130.0
7.452
85.9
0.044
45.0
0.522
–53.7
1300.00
0.309
–135.6
6.989
82.6
0.045
45.1
0.502
–55.7
1400.00
0.294
–141.1
6.557
79.8
0.046
46.3
0.494
–55.2
1500.00
0.278
–147.1
6.163
76.8
0.048
46.6
0.494
–57.0
1600.00
0.266
–153.7
5.857
74
0.050
46.6
0.484
–58.8
1700.00
0.258
–160.8
5.563
71.1
0.052
46.4
0.478
–59.2
1800.00
0.253
–168.0
5.301
68.2
0.054
47.4
0.480
–60.6
1900.00
0.250
–176.1
5.062
65.1
0.055
47.1
0.469
–62.8
2000.00
0.256
176.5
4.840
62.3
0.057
46.6
0.459
–63.4
2100.00
0.261
169.5
4.619
59.5
0.059
47.6
0.457
–65.1
2200.00
0.272
163
4.396
56.4
0.061
48.0
0.439
–67.8
2300.00
0.284
157.2
4.200
53.7
0.063
47.2
0.426
–69.7
2400.00
0.298
153.0
4.008
51.0
0.065
47.1
0.419
–72.2
2500.00
0.310
149.0
3.831
48.6
0.067
46.8
0.408
–76.2
2600.00
0.327
146.5
3.667
46.2
0.068
47.8
0.391
–79.6
2700.00
0.341
144.5
3.531
43.9
0.071
46.6
0.396
–82.8
2800.00
0.354
142.3
3.411
42.1
0.073
46.7
0.394
–87.9
2900.00
0.365
140.4
3.261
39.7
0.076
46.6
0.392
–91.4
3000.00
0.377
139.0
3.170
37.0
0.077
46.0
0.404
–94.9
VCE = 2 V, IC = 15 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.679
–25.8
28.477
160.2
0.008
72.4
0.827
–15.3
200.00
0.616
–48.2
25.048
143.8
0.015
63.0
0.760
–26.4
300.00
0.543
–67.2
21.555
130
0.020
59.2
0.697
–34.5
400.00
0.485
–82.1
18.572
119.4
0.024
54.7
0.638
–45.2
500.00
0.443
–95.5
16.03
112.6
0.026
52.2
0.592
–44.4
600.00
0.413
–106.3
14.018
106.1
0.028
50.1
0.581
–46.9
700.00
0.388
–114.4
12.469
101.2
0.031
49.1
0.545
–49.5
800.00
0.362
–121.0
11.102
96.6
0.032
49.8
0.521
–48.2
900.00
0.340
–127.1
10.046
91.8
0.034
49.3
0.526
–50.1
1000.00
0.327
–135.1
9.107
88.7
0.037
50.3
0.490
–52.3
1100.00
0.308
–139.8
8.375
85.5
0.039
50.0
0.479
–51.0
1200.00
0.289
–145.3
7.719
82.2
0.039
51.0
0.480
–52.6
1300.00
0.276
–151.2
7.219
79.0
0.041
49.4
0.462
–54.7
1400.00
0.267
–156.7
6.754
76.5
0.044
51.9
0.458
–53.9
1500.00
0.255
–162.9
6.336
73.6
0.046
52.0
0.460
–55.6
1600.00
0.248
–169.6
5.997
70.9
0.047
52.5
0.452
–57.5
1700.00
0.246
–176.4
5.681
68.1
0.050
52.5
0.449
–57.7
1800.00
0.245
176.8
5.397
65.4
0.052
53.1
0.452
–59.1
1900.00
0.249
169.4
5.148
62.4
0.054
52.9
0.443
–61.5
2000.00
0.259
163.0
4.910
59.7
0.056
52.7
0.432
–62.1
2100.00
0.268
157.1
4.675
57.1
0.059
52.7
0.433
–63.8
2200.00
0.279
151.8
4.445
54.2
0.061
52.5
0.416
–66.5
2300.00
0.295
147.2
4.237
51.7
0.063
51.9
0.404
–68.4
2400.00
0.309
144.4
4.048
49.1
0.066
52.5
0.397
–71.0
2500.00
0.323
141.1
3.865
46.8
0.068
51.3
0.386
–75.4
2600.00
0.339
139.2
3.696
44.6
0.070
50.9
0.372
–79.0
2700.00
0.353
137.8
3.564
42.4
0.073
51.4
0.375
–82.1
2800.00
0.366
136.1
3.444
40.7
0.076
50.7
0.373
–87.7
2900.00
0.378
134.7
3.292
38.4
0.078
49.8
0.373
–91.2
3000.00
0.391
133.6
3.204
35.8
0.080
49.4
0.385
–94.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com