Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 11 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 11 Page - NEC

Back Button 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC 2SC5369 Datasheet HTML 10Page - NEC 2SC5369 Datasheet HTML 11Page - NEC 2SC5369 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
2SC5369
S PARAMETER
VCE = 3 V, IC = 15 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.695
–23.5
28.64
161.2
0.008
70.9
0.837
–13.9
200.00
0.636
–44.1
25.451
145.4
0.013
66.1
0.779
–24.0
300.00
0.558
–62.4
22.15
131.7
0.018
61.3
0.723
–31.8
400.00
0.506
–77.0
19.259
121.3
0.022
54.9
0.669
–40.9
500.00
0.453
–88.8
16.721
114.4
0.024
53.0
0.628
–41.3
600.00
0.419
–99.1
14.679
107.9
0.027
51.4
0.612
–44.0
700.00
0.390
–107.2
13.085
102.9
0.028
51.2
0.578
–46.2
800.00
0.363
–113.5
11.684
98.2
0.030
50.2
0.553
–45.7
900.00
0.341
–119.5
10.582
93.3
0.031
49.9
0.558
–47.7
1000.00
0.320
–127.1
9.608
90.2
0.034
52.1
0.524
–49.2
1100.00
0.301
–131.8
8.839
87.0
0.036
51.6
0.512
–48.2
1200.00
0.281
–137.3
8.148
83.7
0.037
52.7
0.510
–49.4
1300.00
0.264
–142.8
7.617
80.6
0.039
51.8
0.494
–51.3
1400.00
0.253
–148.4
7.143
78.0
0.041
54.4
0.490
–50.7
1500.00
0.239
–154.1
6.694
75.2
0.043
54.1
0.493
–52.3
1600.00
0.230
–161.3
6.345
72.5
0.045
53.4
0.484
–54.0
1700.00
0.225
–168.5
6.013
69.9
0.046
54.5
0.481
–54.4
1800.00
0.222
–175.5
5.711
67.1
0.049
55.4
0.484
–55.8
1900.00
0.223
176.4
5.455
64.2
0.050
55.4
0.474
–57.7
2000.00
0.230
169.3
5.211
61.5
0.052
55.5
0.466
–58.3
2100.00
0.239
162.7
4.965
59.0
0.055
55.1
0.466
–60.1
2200.00
0.251
156.7
4.733
56.1
0.057
55.2
0.449
–62.4
2300.00
0.266
151.6
4.517
53.5
0.060
54.6
0.439
–64.4
2400.00
0.281
148.1
4.313
51.0
0.063
56.0
0.430
–66.8
2500.00
0.293
145.0
4.130
48.7
0.063
54.9
0.419
–70.8
2600.00
0.310
142.7
3.952
46.5
0.066
55.3
0.404
–74.0
2700.00
0.326
141.1
3.807
44.2
0.068
54.7
0.408
–77.2
2800.00
0.338
139.3
3.680
42.4
0.070
54.0
0.404
–82.2
2900.00
0.350
137.8
3.517
40.2
0.073
53.7
0.403
–85.7
3000.00
0.364
136.6
3.430
37.5
0.075
53.3
0.412
–89.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com