Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 6 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5369 Datasheet HTML 2Page - NEC 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC 2SC5369 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5369
6
S PARAMETER
VCE = 1 V, IC = 15 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.653
–33.1
27.337
156.8
0.011
68.9
0.789
–18.9
200.00
0.584
–60.3
23.208
138.8
0.019
60.2
0.707
–32.8
300.00
0.515
–82.1
19.335
124.9
0.024
53.7
0.632
–42.7
400.00
0.469
–99.2
16.289
114.6
0.029
48.3
0.569
–54.0
500.00
0.435
–112.6
13.817
107.9
0.032
47.2
0.519
–54.2
600.00
0.416
–123.1
11.97
101.7
0.035
45.4
0.502
–56.7
700.00
0.398
–131.1
10.579
97.1
0.037
46.6
0.468
–59.8
800.00
0.378
–138
9.386
92.7
0.039
45.9
0.439
–58.5
900.00
0.362
–144.1
8.451
88.3
0.040
45.7
0.442
–59.7
1000.00
0.354
–151.1
7.653
85.3
0.043
46.9
0.411
–62.5
1100.00
0.339
–156.1
7.023
82.1
0.046
47.0
0.396
–61.2
1200.00
0.325
–161.5
6.475
79.1
0.048
47.6
0.396
–62.6
1300.00
0.317
–167.1
6.041
76.0
0.050
47.8
0.379
–64.9
1400.00
0.311
–172.3
5.649
73.3
0.053
47.4
0.373
–63.9
1500.00
0.304
–178.0
5.304
70.5
0.054
47.5
0.376
–65.7
1600.00
0.302
175.6
5.012
67.8
0.057
47.9
0.370
–67.9
1700.00
0.304
170
4.745
65.0
0.060
47.8
0.365
–68.2
1800.00
0.307
164.1
4.500
62.1
0.062
47.7
0.367
–69.8
1900.00
0.314
158.0
4.276
59.2
0.065
47.4
0.358
–72.4
2000.00
0.325
152.9
4.068
56.3
0.068
47.4
0.346
–73.3
2100.00
0.335
148.2
3.864
53.8
0.069
47.1
0.345
–75.4
2200.00
0.347
143.9
3.666
50.8
0.072
46.3
0.329
–78.7
2300.00
0.362
140.2
3.481
48.3
0.074
46.3
0.317
–81.4
2400.00
0.375
137.6
3.318
45.8
0.077
45.8
0.311
–84.5
2500.00
0.386
135.1
3.159
43.7
0.079
45.5
0.304
–89.9
2600.00
0.402
133.7
3.010
41.7
0.081
44.8
0.292
–94.3
2700.00
0.416
132.5
2.901
39.5
0.084
44.7
0.299
–97.8
2800.00
0.427
131.2
2.801
37.9
0.086
44.4
0.303
–104.0
2900.00
0.439
129.8
2.676
35.9
0.089
43.4
0.304
–107.7
3000.00
0.449
128.7
2.603
33.3
0.091
42.7
0.319
–111.0
VCE = 2 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.965
–7.7
3.924
172.5
0.010
73.8
0.913
–6.6
200.00
0.953
–15.2
3.823
165.1
0.019
73.5
0.904
–11.6
300.00
0.935
–22.6
3.733
157.0
0.028
71.0
0.908
–16.1
400.00
0.916
–29.3
3.631
150.0
0.037
65.6
0.897
–23.3
500.00
0.897
–36.1
3.522
145.2
0.045
62.1
0.904
–24.6
600.00
0.877
–42.3
3.381
139.4
0.053
57.2
0.922
–28.6
700.00
0.859
–48.2
3.256
134.4
0.060
53.5
0.907
–31.9
800.00
0.839
–53.5
3.108
129.5
0.065
49.8
0.892
–33.9
900.00
0.820
–58.7
2.999
124.1
0.069
46.2
0.896
–37.6
1000.00
0.796
–64.0
2.901
119.7
0.075
43.1
0.874
–40.6
1100.00
0.775
–68.5
2.791
115.6
0.079
40.2
0.860
–41.7
1200.00
0.751
–72.9
2.674
111.4
0.081
36.9
0.852
–44.6
1300.00
0.726
–77.3
2.604
107.2
0.085
33.5
0.836
–47.6
1400.00
0.702
–81.4
2.514
104.0
0.087
31.4
0.824
–48.9
1500.00
0.677
–85.6
2.430
100.1
0.089
28.5
0.815
–51.4
1600.00
0.653
–89.9
2.383
96.7
0.090
26.4
0.800
–53.9
1700.00
0.629
–94.5
2.332
93.4
0.092
24.4
0.790
–55.2
1800.00
0.607
–99.3
2.289
89.9
0.093
22.6
0.788
–57.1
1900.00
0.584
–104.7
2.263
85.8
0.094
19.9
0.772
–59.7
2000.00
0.564
–110.6
2.237
82.0
0.095
17.7
0.759
–61.2
2100.00
0.545
–117.4
2.194
77.8
0.095
15.8
0.755
–63.4
2200.00
0.526
–124.3
2.145
73.0
0.095
13.1
0.732
–66.0
2300.00
0.508
–131.7
2.099
68.4
0.094
11.0
0.719
–68.6
2400.00
0.495
–139.3
2.032
64.0
0.092
9.1
0.706
–71.1
2500.00
0.481
–145.9
1.951
59.9
0.090
7.1
0.692
–74.6
2600.00
0.476
–152.2
1.869
55.8
0.087
5.0
0.673
–77.9
2700.00
0.471
–158.2
1.801
52.0
0.086
4.3
0.676
–80.9
2800.00
0.469
–162.9
1.733
49.1
0.083
2.7
0.669
–85.1
2900.00
0.472
–167.3
1.647
45.7
0.080
2.7
0.664
–88.4
3000.00
0.476
–171.4
1.602
42.3
0.077
1.6
0.672
–92.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com