Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 2 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 2 Page - NEC

  2SC5369 Datasheet HTML 1Page - NEC 2SC5369 Datasheet HTML 2Page - NEC 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2SC5369
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 3 V, IC = 10 mANote 1
80
160
Gain Bandwidth Product
fT
VCE = 3 V, IC = 10 mA, f = 2.0 GHz
14
GHz
Feed-back Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.15
0.25
pF
Insertion Gain
| S21e | 2
VCE = 3 V, IC = 10 mA, f = 2.0 GHz
12
14
dB
Noise Figure
NF
VCE = 3 V, IC = 3 mA, f = 2.0 GHz
1.3
2.3
dB
STANDARD SPECIFICATION
FB
Marking
T95
hFE
80 to 160
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty cycle ≤ 2 %, Pulsed
2. Measure by using 3-terminal bridge with emitter pin connected to guard terminal of bridge.
TYPICAL CHARACTERISTICS (TA = 25
°C)
0
50
100
150
100
200
PT - TA CHARACTERISTICS
Ambient Temperature TA (
°C)
0
0.5
1.0
20
40
IC - VBE CHARACTERISTICS
DC Base Voltage VBE (V)
VCE = 3 V
10
30
50
02
6
8
10
30
IC - VCE CHARACTERISTICS
Collector to Emitter Voltage VCE (V)
10
10
50
50
200
hFE - IC CHARACTERISTICS
Collector Current IC (mA)
VCE = 3 V
20
500
20
4
Ie = 200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
20 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
100
12
5
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com