Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 7 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC 2SC5369 Datasheet HTML 10Page - NEC 2SC5369 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
2SC5369
S PARAMETER
VCE = 2 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.911
–11.3
9.673
169.8
0.010
71.9
0.897
–8.5
200.00
0.887
–21.9
9.244
160.1
0.018
70.9
0.879
–15.2
300.00
0.850
–32.2
8.830
150.1
0.026
66.0
0.871
–21.4
400.00
0.814
–41.3
8.390
141.6
0.034
60.2
0.849
–29.3
500.00
0.776
–50.5
7.920
135.5
0.041
56.0
0.838
–31.9
600.00
0.741
–58.3
7.389
129.0
0.046
52.4
0.835
–36.3
700.00
0.708
–65.5
6.948
123.4
0.050
47.8
0.806
–39.9
800.00
0.675
–71.6
6.492
118.1
0.053
44.6
0.778
–41.9
900.00
0.645
–77.5
6.113
112.5
0.055
42.3
0.772
–45.1
1000.00
0.610
–83.8
5.754
108.0
0.060
39.1
0.739
–48.0
1100.00
0.583
–88.8
5.437
103.9
0.061
37.5
0.716
–48.7
1200.00
0.552
–93.5
5.127
99.8
0.063
35.1
0.705
–51.0
1300.00
0.523
–98.5
4.899
95.7
0.064
33.2
0.684
–53.8
1400.00
0.497
–103.2
4.663
92.6
0.065
32.2
0.669
–54.5
1500.00
0.470
–107.8
4.431
88.9
0.065
30.8
0.660
–56.4
1600.00
0.445
–112.9
4.267
85.7
0.066
30.2
0.646
–58.7
1700.00
0.421
–118.7
4.112
82.5
0.067
30.0
0.634
–59.7
1800.00
0.402
–124.5
3.974
79.2
0.068
29.0
0.630
–61.1
1900.00
0.382
–131.2
3.854
75.4
0.068
28.1
0.615
–63.6
2000.00
0.368
–138.7
3.734
72.0
0.069
27.3
0.601
–64.6
2100.00
0.356
–146.3
3.605
68.5
0.070
26.5
0.593
–66.4
2200.00
0.348
–154.2
3.462
64.5
0.069
25.9
0.574
–68.9
2300.00
0.344
–162.6
3.340
60.7
0.070
26.0
0.558
–71.1
2400.00
0.346
–169.5
3.200
57.3
0.070
25.7
0.548
–73.4
2500.00
0.347
–175.9
3.058
54.1
0.069
25.1
0.535
–76.9
2600.00
0.354
178.6
2.919
50.9
0.068
25.5
0.517
–80.0
2700.00
0.363
174.0
2.810
48.0
0.070
26.0
0.520
–83.0
2800.00
0.370
170.2
2.709
45.7
0.070
25.9
0.516
–87.4
2900.00
0.379
166.7
2.580
42.9
0.070
27.0
0.512
–90.6
3000.00
0.390
163.8
2.511
40.0
0.070
26.7
0.523
–94.0
VCE = 2 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.863
–14.2
14.231
167.6
0.009
73.5
0.883
–10.1
200.00
0.829
–27.3
13.388
156.2
0.017
70.1
0.854
–18.2
300.00
0.775
–39.8
12.53
144.8
0.025
62.3
0.834
–25.1
400.00
0.726
–50.9
11.653
134.8
0.031
58.0
0.797
–34.7
500.00
0.679
–61.2
10.679
128.6
0.036
53.6
0.770
–36.4
600.00
0.638
–70.1
9.807
122.0
0.041
49.6
0.763
–40.6
700.00
0.604
–77.9
9.125
116.6
0.044
46.2
0.727
–44.2
800.00
0.570
–84.3
8.384
111.4
0.046
43.5
0.697
–45.1
900.00
0.536
–90.2
7.775
105.7
0.047
41.5
0.690
–48.1
1000.00
0.501
–97.3
7.215
101.4
0.050
39.5
0.653
–51.0
1100.00
0.474
–102.2
6.753
97.5
0.051
39.1
0.633
–51.1
1200.00
0.445
–107
6.294
93.6
0.052
38.0
0.624
–53.1
1300.00
0.418
–112.0
5.954
89.8
0.054
36.6
0.600
–55.7
1400.00
0.396
–117.3
5.634
86.8
0.055
36.1
0.588
–55.8
1500.00
0.372
–122.3
5.328
83.5
0.056
35.9
0.582
–57.6
1600.00
0.351
–128.1
5.089
80.3
0.056
36.0
0.568
–59.6
1700.00
0.334
–134.5
4.875
77.2
0.059
35.6
0.559
–60.3
1800.00
0.318
–141.0
4.672
74.0
0.060
36.6
0.559
–61.7
1900.00
0.305
–148.6
4.493
70.6
0.060
35.3
0.543
–64.0
2000.00
0.298
–156.9
4.327
67.3
0.061
35.3
0.531
–64.7
2100.00
0.296
–164.7
4.145
64.2
0.063
35.2
0.527
–66.6
2200.00
0.295
–172.5
3.970
60.6
0.063
35.5
0.507
–69.1
2300.00
0.300
179.7
3.806
57.4
0.065
35.1
0.493
–71.0
2400.00
0.309
173.5
3.644
54.3
0.066
36.2
0.484
–73.4
2500.00
0.316
167.8
3.483
51.5
0.066
35.5
0.471
–77.2
2600.00
0.329
163.7
3.324
48.7
0.068
35.4
0.455
–80.4
2700.00
0.341
160.0
3.200
46.0
0.069
36.0
0.457
–83.3
2800.00
0.352
156.9
3.083
44.0
0.069
36.4
0.455
–88.0
2900.00
0.362
154.2
2.942
41.4
0.072
36.7
0.453
–91.3
3000.00
0.374
152
2.859
38.6
0.073
36.8
0.464
–94.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com