Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 5 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 5 Page - NEC

  2SC5369 Datasheet HTML 1Page - NEC 2SC5369 Datasheet HTML 2Page - NEC 2SC5369 Datasheet HTML 3Page - NEC 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2SC5369
S PARAMETER
VCE = 1 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.854
–16.4
14.321
166.4
0.012
71.0
0.870
–12.1
200.00
0.814
–31.4
13.342
154.2
0.023
67.0
0.839
–21.6
300.00
0.756
–45.1
12.322
142.3
0.032
61.4
0.811
–30.2
400.00
0.707
–57.6
11.306
132.6
0.041
55.8
0.773
–38.7
500.00
0.651
–69.0
10.34
125.5
0.047
50.4
0.742
–43.7
600.00
0.611
–78.5
9.368
118.6
0.052
46.0
0.712
–48.6
700.00
0.575
–86.8
8.582
112.8
0.055
42.3
0.676
–52.4
800.00
0.538
–93.6
7.849
107.5
0.058
39.7
0.640
–54.9
900.00
0.509
–100.2
7.236
102.2
0.059
37.3
0.620
–56.9
1000.00
0.479
–107.2
6.681
98.2
0.063
36.4
0.588
–59.9
1100.00
0.454
–112.5
6.221
94.3
0.064
35.0
0.562
–60.9
1200.00
0.426
–117.9
5.802
90.5
0.066
33.8
0.547
–62.5
1300.00
0.403
–123.4
5.473
86.8
0.067
32.8
0.528
–65.0
1400.00
0.385
–129
5.168
83.8
0.069
31.9
0.510
–65.6
1500.00
0.364
–134.6
4.881
80.5
0.070
31.7
0.503
–67.2
1600.00
0.348
–140.9
4.658
77.3
0.071
31.4
0.493
–69.4
1700.00
0.335
–147.7
4.452
74.2
0.072
31.0
0.481
–70.0
1800.00
0.325
–154.7
4.259
70.9
0.074
30.5
0.477
–71.9
1900.00
0.317
–162.5
4.083
67.4
0.075
30.0
0.465
–74.3
2000.00
0.315
–170.3
3.923
64.2
0.077
29.7
0.447
–75.8
2100.00
0.318
–177.6
3.750
61.1
0.078
29.2
0.440
–77.5
2200.00
0.322
175.1
3.576
57.6
0.078
29.0
0.423
–80.3
2300.00
0.331
168.2
3.414
54.4
0.080
28.6
0.407
–83.2
2400.00
0.341
163.0
3.257
51.4
0.080
28.3
0.396
–85.7
2500.00
0.350
158.3
3.105
48.8
0.081
27.9
0.388
–90.0
2600.00
0.362
154.5
2.957
46.2
0.082
28.1
0.373
–94.0
2700.00
0.375
151.9
2.847
43.6
0.083
28.2
0.376
–96.9
2800.00
0.386
149.2
2.742
41.7
0.084
27.9
0.378
–101.9
2900.00
0.396
146.8
2.615
39.3
0.086
28.0
0.378
–105.6
3000.00
0.408
145.1
2.542
36.6
0.086
28.1
0.389
–108.5
VCE = 1 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.744
–24.6
22.615
161.3
0.012
68.1
0.826
–16.3
200.00
0.682
–46.1
20.113
145.6
0.021
62.6
0.769
–28.7
300.00
0.610
–64.7
17.536
132.0
0.028
57.4
0.710
–38.7
400.00
0.551
–79.7
15.292
121.5
0.033
49.1
0.654
–47.6
500.00
0.502
–93.2
13.319
114.5
0.038
47.6
0.610
–52.1
600.00
0.469
–104.1
11.724
107.9
0.041
44.6
0.573
–56.1
700.00
0.443
–112.5
10.485
102.8
0.043
43.3
0.538
–59.0
800.00
0.416
–119.8
9.391
98.1
0.045
41.4
0.506
–60.3
900.00
0.392
–126.2
8.510
93.3
0.046
41.3
0.491
–61.4
1000.00
0.375
–133.6
7.749
89.8
0.049
41.5
0.463
–63.6
1100.00
0.357
–138.8
7.146
86.5
0.050
41.7
0.441
–64.0
1200.00
0.338
–144.3
6.605
83.2
0.054
42.0
0.433
–64.9
1300.00
0.324
–150.3
6.181
79.9
0.055
41.7
0.419
–66.9
1400.00
0.314
–156.1
5.801
77.1
0.057
41.4
0.405
–66.9
1500.00
0.302
–162.0
5.450
74.1
0.058
41.3
0.404
–68.1
1600.00
0.295
–168.6
5.169
71.3
0.061
42.0
0.397
–70.2
1700.00
0.293
–175.3
4.902
68.4
0.064
41.5
0.390
–71.1
1800.00
0.293
178.1
4.662
65.4
0.065
41.9
0.388
–72.3
1900.00
0.296
170.9
4.445
62.2
0.067
41.6
0.382
–74.8
2000.00
0.304
164.5
4.234
59.3
0.069
41.5
0.366
–76.1
2100.00
0.313
158.7
4.031
56.6
0.071
41.0
0.361
–77.9
2200.00
0.323
153.4
3.828
53.5
0.073
40.7
0.348
–80.9
2300.00
0.339
148.6
3.639
50.7
0.076
40.3
0.333
–83.9
2400.00
0.352
145.3
3.470
48.1
0.077
40.7
0.323
–86.7
2500.00
0.363
141.9
3.312
45.9
0.079
40.1
0.319
–91.7
2600.00
0.378
139.9
3.151
43.7
0.081
40.6
0.306
–96.4
2700.00
0.392
138.2
3.036
41.4
0.084
39.6
0.310
–99.6
2800.00
0.404
136.5
2.930
39.8
0.085
39.3
0.317
–105.0
2900.00
0.414
134.9
2.798
37.6
0.088
38.9
0.317
–108.9
3000.00
0.426
133.6
2.723
35.0
0.089
38.7
0.330
–112.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com