Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
SPEECH SYNTHESIZER CONTROL
SPEECH SYNTHESIZER CONTROL
SPEECH SYNTHESIZER CONTROL
SPEECH SYNTHESIZER CONTROL
SPEECH SYNTHESIZER CONTROL
Speech sample rate control register (P5 write) :
3210
Initial value : *000
SINT
SR
SR
SR
SR
SR
SR
Sample rate selection
Sample rate selection
Sample rate selection
Sample rate selection
Sample rate selection
Sample rate
Sample rate
Sample rate
Sample rate
Sample rate
000
PWM on CLK/64/1/3
24K
port 5 -- initialization is "*111".
001
CLK/64/1/4
18K
port 6 -- initialization is pointed to the low-
010
CLK/64/2/3
12K
nibble of start address latch.
011
CLK/64/2/4
9K
100
CLK/64/3/3
8K
CLK=4.6 MHz
101
CLK/64/3/4
6K
111
PWM off
SINT
Select interrupt source
0
Select HTC overflow interrupt
1
Select speech ending interrupt
Speech active flag (P5 read) :
3210
Initial value : 0***
ACT
*
*
*
ACT is the speech acknowledge signal. When the speech synthesizer has voice output, ACT is high. When
ACT is high
→ low, the speech synthesizer can generate the speech ending interrupt SPI, or when HTC
overflow interrupt SPI.
Speech start address register (P6 write) :
3210
Initial value : 1111
Port 6
P6L1
P6L2
P6L3
P6L4
A9
A8
A7
A6
A13
A12 A11 A10
A17 A16 A15 A14
----
Send the speech start address to the speech synthesizer by writing P6 four times. There is a pointer counter to
point the address latch (P6L1, P6L2, P6L3, P6L4). It will increase one when write P6. So, the first time
writing P6 to P6L1, the second time is P6L2, the third time is P6L3, the fourth time is P6L4 and the fifth
time is P6L1 latch again, ... etc. The pointer counter point to P6L1 when CPU is reset or P5 is writen.
In the NORMAL operation mode, the speech synthesizer is available. In the other operation modes, it is
disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com