Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
These three functions can be executed by 2 timer/counter independently.
For timerA, the counter data is saved in timer register TAH, TAM, TAL, which user can set counter initial
value and read the counter value by instruction "LDATAH(M,L), STATAH(M,L)" and timer register is
TBH, TBM, TBL and W/R instruction "LDATBH (M,L), STATBH (M,L)".
The basic structure of timer/counter is composed by two same structure counter, these two counters can be
set initial value and send counter value to timer register, P28 and P29 are the command ports for timerA
and timer B, user can choose different operation mode and different internal clock rate by setting these two
ports. When timer/counter overflow, it will generate a TRGA(B) interrupt request to interrupt control unit.
INTERRUPT CONTROL
TRGA request
P8.3/
TRGA
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P28
12 BIT COUNTER
TMSA
IPSA
DATA BUS
P8.1/
TRGB
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
high speed timer/counter
P29
12 BIT COUNTER
MUX
TMSB
IPSB
TRGB request
PULSE-WIDTH MEASUREMENT
CONTROL
PULSE-WIDTH MEASUREMENT
CONTROL
Port 28
3
2
1
0
TMSA
IPSA
Initial state: 0000
TIMER/COUNTER MODE SELECTION
TMSA (B)
Function description
0 0
Stop
0 1
Event counter mode
1 0
Timer mode
1 1
Pulse width measurement mode
Port 29
3
2
1
0
TMSB
IPSB
Initial state: 0000
TIMER/COUNTER CONTROL
TIMER/COUNTER CONTROL
TIMER/COUNTER CONTROL
TIMER/COUNTER CONTROL
TIMER/COUNTER CONTROL
P8.1/TRGB, P8.3/TRGA are the external timer inputs for timerB and timerA, they are used in event
counter and pulse-width measurement mode.
Timer/counter command port: P28 is the command port for timer/counterA and P29 is for the timer/
counterB.
INTERNAL PULSE-RATE SELECTION
INTERNAL PULSE-RATE SELECTION
IPSA NORMAL mode SLOW mode
IPSB NORMAL mode
SLOW mode
0 0
LXIN/23 Hz
Reserved
0 0
Depend on high speed timer/counter
0 1
LXIN/27 Hz
LXIN/27 Hz
0 1
LXIN/25 Hz
LXIN/25 Hz
1 0
LXIN/211 Hz
LXIN/211 Hz
1 0
LXIN/29 Hz
LXIN/29 Hz
1 1
LXIN/215 Hz
LXIN/215 Hz
1 1
LXIN/213 Hz
LXIN/213 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com