Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
HL REGISTER FUNCTION
HL REGISTER FUNCTION
HL REGISTER FUNCTION
HL REGISTER FUNCTION
HL REGISTER FUNCTION
(1) For instruction : LDL #k, LDH #k, THA, THL, INCL, DECL, EXAL, EXAH, HL register used as a
temporary register .
PROGRAM EXAMPLE: Load immediate data "5h" into L register, "Dh" into H register.
LDL #05h;
LDH #0Dh;
(2) For instruction LDAM, STAM, STAMI .., HL register used as a pointer for the address of RAM memory.
PROGRAM EXAMPLE: Store immediate data #Ah into RAM of address 35h.
LDL #5h;
LDH #3h;
STDMI #0Ah; RAM[35]
← Ah
(3) For instruction : SELP, CLPL, TFPL, L regieter be a pointer to indicate the bit of I/O port.
When LR = 0 indicate P4.0
PROGRAM EXAMPLE: To set bit 0 of Port4 to "1"
LDL #00h;
SEPL ; P4.0
← 1
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
Stack pointer is a 4-bit register which stores the present stack level number.
Before using stack, user must set the SP value first, CPU will not initiate the SP value after reset condition
. When a new subroutine is accepted, the SP will be decreased one automatically, in another word, if
returning from a subroutine, the SP will be increased one .
The data transfer between ACC and SP is by instruction of "LDASP" and "STASP".
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
Data pointer is a 12-bit register which stores the address of ROM can indicate the ROM code data
specified by user (refer to data ROM).
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
The clock generator is supported by a dual clock system, the slow clock source comes from crystal
(resonator) or RC oscillation is decided by mask option, and it's 32.768 KHz. The high freq OSC is built by
a internal clock source that will be 4.6 MHz.
CLOCK GENERATOR STRUCTURE
CLOCK GENERATOR STRUCTURE
CLOCK GENERATOR STRUCTURE
CLOCK GENERATOR STRUCTURE
CLOCK GENERATOR STRUCTURE
There are two clock generator for system clock control. P14 is the status register for the CPU status. P16,
P19 and P22 are the system clock mode control ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com