Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
The value of 8-bit binary up counter can be presetted by P10 and P11. The value of registers can loaded into
the HTC when the counter starts counting or occurs overflow. If user write value to the registers before the
next overflow occurs, the preset value can be changed.
The preset value will be changed when users output the different data to P10. Thus, the data must be output
to P11 before P10 when users want to change the preset value.
The count value of HTC can be read from P10 and P11. The value is unstable when user read the value during
counting. Thus, user must disable the counter before reading the value.
The P4.1/RGH pin will be the input pin in the event counter and pulse width measurement mode. User must
output high to P4. 1/TRGH and then it can be the HTC external input pin. When the HTC is disabled, the P4.
1 pin is a normal I/O pin.
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
There are 6 interrupt sources, 2 external interrupt sources, 4 internal interrupt sources . Multiple
interrupts are admitted according the priority .
Type
Type
Type
Type
Type
Interrupt source
Interrupt source
Interrupt source
Interrupt source
Interrupt source
Priority
Priority
Priority
Priority
Priority
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Program ROM
Program ROM
Program ROM
Program ROM
Program ROM
Latch
Latch
Latch
Latch
Latch
Enable condition
Enable condition
Enable condition
Enable condition
Enable condition
entry address
entry address
entry address
entry address
entry address
External External interrupt(INT0)
1
IL5
EI=1
002H
Internal
High speed timer overflow interrupt (HTCI)
2
IL4
EI=1, MASK3=1
004H
Internal
TimerA overflow interrupt (TRGA)
3
IL3
EI=1, MASK2=1
006H
Internal
TimerB overflow interrupt (TRGB)
4
IL2
EI=1, MASK1=1
008H
Internal
Time base interrupt(TBI)
5
IL1
00AH
Internal
SPI (Speech interrupt)
6
IL0
EI=1,MASK0=1
00CH
INTERRUPT STRUCTURE
INTERRUPT STRUCTURE
INTERRUPT STRUCTURE
INTERRUPT STRUCTURE
INTERRUPT STRUCTURE
Reset by system reset and program
instruction
MASK0 MASK1 MASK1 MASK2 MASK3
IL0
SPI
r0
IL1
TBI
r1
IL2
r2
IL3
TRGA
r3
IL4
r4
IL5
INT0
r5
Priority checker
EI
Entry address generator
Interrupt request
Interrupt entry address
Reset by system reset and program
instruction
Set by program instruction
TRGB
HTCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com