Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
NORMAL OPERATION MODE
NORMAL OPERATION MODE
NORMAL OPERATION MODE
NORMAL OPERATION MODE
NORMAL OPERATION MODE
The 4-bit µc is in the NORMAL operation mode when the CPU is reseted. This mode is a dual clock system
(high-frequency and low-frequency clocks oscillating). It can be changed to SLOW or STOP operation
mode by the command register (P22 or P16).
LCD display and high speed timer/counter with melody output are available for the NORMAL operation
mode.
SLOW OPERATION MODE
SLOW OPERATION MODE
SLOW OPERATION MODE
SLOW OPERATION MODE
SLOW OPERATION MODE
The SLOW operation mode is a single clock system (low-frequency clock oscillating). It can be changed to
the DUAL operation mode with the commoand register (P22), STOP operation mode with P16 and IDLE
operation mode with P19.
LCD display and high speed timer/counter with melody output are available for the SLOW operation
mode.
P22
3
210
Initial value : 0000
*
SOM
SOM
Select operation mode
0
0
0
NORMAL operation mode
1
*
*
SLOW operation mode
P14
32
10
Initial value : *000
*
WKS
LFS CPUS
LFS
Low-frequency status
CPUS
CPU status
0
LXIN source is not stable
0
NORMAL operation mode
1
LXIN source is stable
1
SLOW operation mode
WKS
Wakeup status
0
Wakeup not by internal timer
1
Wakeup by internal timer
Port14 is the status register for CPU. P14.0 (CPU status) and P14.1 (Low-frequency status) are read-only
bits. p14.2 (wakeup status) will be set to '1' when CPU is wake-up by internal timer. P14.2 will be cleared to
'0' when user out data to P14.
IDLE OPERATION MODE
IDLE OPERATION MODE
IDLE OPERATION MODE
IDLE OPERATION MODE
IDLE OPERATION MODE
The IDLE operation mode suspends all SLOW operations except for the low-frequency clock and LCD
driver. It retains the internal status with low power consumption without stopping the clock function and
LCD display.
LCD display is available for the IDLE operation mode. Sound generator is disabled in this mode. The IDLE
operation mode will be wakeup and return to the SLOW operation mode by the internal timing generator or
I/O pins (P0(0..3)/WAKEUP 0..3 or P8(0..3)/WAKEUPA..D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com