Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
ACC
CF
MSB
LSB
3
2
1
0
H REGISTER
3
2
1
0
L REGISTER
ACC
CF
MSB
LSB
(3) Rotation:
There are two kinds of rotation operation, one is rotation left, the other is rotation right.
RLCA instruction rotates Acc value to left, shift the CF value into the LSB bit of Acc and the shift out data
will be hold in CF.
RRCA instruction operation rotates Acc value to right, shift the CF value into the MSB bit of Acc and the
shift out data will be hold in CF.
PROGRAM EXAMPLE: To rotate Acc right and shift a "1" into the MSB bit of Acc .
TTCFS; CF
← 1
RRCA; rotate Acc right and shift CF=1 into MSB.
HL REGISTER
HL REGISTER
HL REGISTER
HL REGISTER
HL REGISTER
HL register are two 4-bit registers, they are used as a pair of pointer for the address of RAM memory and also
2 independent temporary 4-bit data registers. For some instruction, L register can be a pointer to indicate the
pin number ( Port4 ) .
HL REGISTER STRUCTURE
HL REGISTER STRUCTURE
HL REGISTER STRUCTURE
HL REGISTER STRUCTURE
HL REGISTER STRUCTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com