Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
LCD DRIVING METHODS
LCD DRIVING METHODS
LCD DRIVING METHODS
LCD DRIVING METHODS
LCD DRIVING METHODS
There are six kinds of driving methods can be selected by DUTY (P27.0~P27.2). The drivinf waveforms of
LCD driver are as below :
••••• VDD=3V
VDD=3V
VDD=3V
VDD=3V
VDD=3V
VDD
V3
V2
V1
VSS
3V
2V
1V
VA
VB
VDD
V3
V2
V1
VSS
3V
1.5V
VA
VB
VDD
V3
V2
V1
VSS
4.5V
3V
1.5V
VA
VB
VDD
V3
V2
V1
VSS
3V
2V
1V
VA
VB
VDD
V3
V2
V1
VSS
4.5V
3V
1.5V
VA
VB
V3
V2
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
-V1
-V3
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
V3
V2
V1
Vss
-V1
-V2
-V3
V3
V2
V1
Vss
-V1
-V2
-V3
Frame
V3
V1
Vss
-V1
-V3
Frame
V3
V2
V1
Vss
V3
V2
V1
Vss
-V1
-V2
-V3
V3
V2
V1
Vss
-V1
-V2
-V3
Frame
COM0
COM1
COM2
COM3
SEG0
SEG0-COM0
ON
SEG0-COM1
OFF
COM0
COM1
COM2
COM3
SEG0
SEG0-COM0
ON
SEG0-COM1
OFF
VDD
V3
V2
V1
VSS
3V
1.5V
VA
VB
VDD
V3
V2
V1
VSS
3V
1.5V
VA
VB
VDD
V3
V2
V1
VSS
3V
1.5V
VA
VB
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
-V1
-V3
V3
V1
Vss
-V1
-V3
Frame
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
V3
V1
Vss
-V1
-V3
V3
V1
Vss
-V1
-V3
Frame
V3
Vss
V3
V1
Vss
V3
Vss
-V3
Vss
-V3
Frame
V3
(1) 1/4 duty (1/3 bias)
(2 ) 1/3 duty (1/3 bias)
(6) static
(5) 1/2 duty (1/2 bias)
(4) 1/3 duty (1/2 bias)
(3) 1/4 duty (1/2 bias)
ON
OFF
VLCD=VDD
VLCD=3/2VDD
VLCD=VDD
VLCD=3/2VDD
VLCD=VDD
VLCD=VDD
VLCD=VDD
VLCD=VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com