Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73880 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
Unit : µm
Chip Size : 2490 x 2960 µm
Note : For PCB layout, IC substrate must be floated or connected to V
SS.
12
13
(0,0)
EM73880
LXOUT
LXIN
VDD
P4.2
P4.1
P4.0
BZ1
BZ2
VDD2
P8.3
P8.2
P8.1
P8.0
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG12
SEG21
SEG5
SEG4
SEG22
SEG23
SEG24
SEG25
SEG26
P4.3
14
15
16
17
18
19
20
21
22
23
24
25
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
62
63
64
65
66
67
68
1
2
3
4
5
6
7
8
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com