Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
T
s
-55
125
°C
Operating Temperature
T
A
-40
100
°C
Supply Voltage (1 Minute Maximum)
V
DD1 , VDD2
7
V
Reverse Input Voltage (Per Channel)
V
R
5
V
Output Voltage (Per Channel)
V
O
7
V
Average Forward Input Current[1] (Per Channel)
I
F
15
mA
Output Current (Per Channel)
I
O
50
mA
Input Power Dissipation[2] (Per Channel)
P
I
27
mW
Output Power Dissipation[2] (Per Channel)
P
O
65
mW
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Operating Temperature
T
A
-40
100
°C
Input Current, Low Level[3]
I
FL
0
250
µA
Input Current, High Level[4]
I
FH
7
15
mA
Supply Voltage
V
DD1, VDD2
3.0
5.5
V
Fan Out (at R
L = 1kΩ)
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4k
Ω
Notes:
1. Peaking circuits may produce transient input currents up to 50 mA, 50 ns max. pulse width, provided average current does not exceed its max.
values.
2. Derate total package power dissipation, PT linearly above +95°C free-air temperature at a rate of 1.57mW/°C for the SO8 package mounted on
low conductivity board per JESD 51-3. Derate total package power dissipation, PT linearly above +80°C free-air temperature at a rate of 1.59
mW/°C for the SO16 package mounted on low conductivity board per JESD 51-3. PT= number of channels multiplied by (PI+PO).
3. The off condition can be guaranteed by ensuring that V
FL ≤ 0.8V.
4. The initial switching threshold is 7 mA or less. It is recommended that minimum 8 mA be used for best performance and to permit guardband
for LED degradation.
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
TA - Ambient Temperature -
°C
so-16 package
so-8 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com