Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Package Characteristics
All specifications are at T
A=+25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Momentary
SO8
V
ISO
2500
V
RMS
RH≤50%, t = 1 min
Withstand Voltage[9]
SO16
V
ISO
2500
RH≤50%, t = 1 min
Input-Output Insulation[10] [11]
SO8
I
I-O
5
µA
45% RH, t=5 sec, V
I-O= 3kV DC
SO16
I
I-O
5
45% RH, t=5 sec, V
I-O=3kV DC
Input-Output Resistance[10]
SO8
R
I-O
109
1011
Ω
V
I-O= 500V DC
SO16
R
I-O
109
1011
V
I-O= 500V DC
Input-Output Capacitance[10]
SO8
C
I-O
0.7
pF
f = 1 MHz
SO16
C
I-O
0.7
f = 1 MHz
Input-Input Insulation
SO8
I
I-I
0.005
µA
RH≤45%, t=5 sec, V
I-I=500V
Leakage Current[12]
SO16
I
I-I
0.005
RH≤45%, t=5 sec, V
I-I=500V
Input-Input Resistance[12]
SO8
R
I-I
1011
Ω
RH≤45%, t=5 sec, V
I-I=500V
SO16
R
I-I
1011
RH≤45%, t=5 sec, V
I-I=500V
Input-Input Capacitance[12]
SO8
C
I-I
0.1
pF
f = 1 MHz
SO16
C
I-I
0.12
f = 1 MHz
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity
to the limits stated in the specifications. However, Avago
recommends that all integrated circuits be handled with
appropriate care to avoid damage. Damage caused by
inappropriate handling or storage could range from per-
formance degradation to complete failure.
Notes:
9. V
ISO is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For continuous voltage rating,
refer to the IEC/EN/DIN EN 60747-5-5 Insulation Characteristics Table (if applicable), the equipment level safety specification or Avago Applica-
tion Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
10. Measured between each input pair shorted together and all output connections for that channel shorted together.
11. In accordance to UL1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 3000 Vrms for 1 sec (leakage detection
current limit, I
I-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/EN/DIN EN
60747-5-5 Insulation Characteristics Table, if applicable.
12. Measured between inputs with the LED anode and cathode shorted together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com