Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Test Circuits
Figure 16. Test circuit for t
PHL. tPLH, tF, and tR.
Figure 17. Test circuit for common mode transient immunity and typical waveforms.
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
PULSE GEN.
Zo = 50
Ω
tf = tr = 5ns
INPUT
MONITORING
NODE
IF
C L*
RL
0.1
µF
BYPASS
*CL IS APPROXIMATELY 15 pF WHICH
INCLUDES PROBE AND STRAY WIRING
CAPACITANCE
3.3V or 5V
ACSL-6210
tPHL
tPLH
INPUT
IF
OUTPUT
Vo
1.5V
IF = 4.0 mA
IF = 8.0 mA
10%
10%
90%
90%
OUTPUT Vo
MONITORING
NODE
tF
tR
OUTPUT Vo
MONITORING
NODE
R L
0.1
µF
BYPASS
3.3V or 5V
ACSL-6400
IF
1
8
9
16
1
8
9
16
PULSE GEN.
Zo = 50
V FF
A
B
+
_
Figure 17. Test circuit for common mode transient immunity and
typical waveforms
Vcm
Vo
Vo
CM H
SWITCH AT POSITION "A": IF = 0 mA
Vo (min.)
CM L
Vo (max.)
Vcm (peak)
SWITCH AT POSITION "B": IF = 8 mA
0 V
5 V
0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com