Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Typical Performance, continued
0
1
2
3
4
5
6
7
8
9
10
-60 -40 -20
0
20
40
60 80 100 120
Figure 10. Typical supply current per channel vs.
temperature for 5V operation.
IF = 10 mA
IF = 0 mA
VDD = 5.0V
IDDL
IDDH
0.001
0.01
0.1
1
10
100
1000
1.1
1.2
1.3
1.4
1.5
1.6
VF- FORWARD VOLTAGE - V
I F
+
V F
–
Figure 11. Typical input diode
forward characteristics.
TA= 25C
0
30
60
90
120
150
-60 -40 -20 0
20 40 60 80 100 120
TA - TEMPERATURE - C
Figure 12. Typical propagation delay vs.
temperature for 3.3V operation.
tPLH,RL= 350Ω
tPHL, RL= 350Ω
VDD = 3.3V
IF = 8.0 mA
0
30
60
90
120
150
-60 -40 -20
0
20
40
60
80 100 120
Figure 13. Typical propagation delay vs.
temperature for 5V operation.
tPLH, RL= 350Ω
tPHL, RL= 350Ω
VDD = 5.0V
IF= 8.0 mA
0
10
20
30
40
-60 -40 -20
0
20
40
60
80 100 120
Figure 14. Typical pulse width distortion vs.
temperature for 3.3V operation.
RL= 350Ω
VDD = 3.3V
IF= 8.0 mA
0
10
20
30
40
-60 -40 -20
0
20
40
60
80 100 120
Figure 15. Typical pulse width distortion vs.
temperature for 5V operation.
RL = 350Ω
VDD = 5.0V
IF= 8.0 mA
TA - TEMPERATURE - C
TA - TEMPERATURE - C
TA - TEMPERATURE - C
TA - TEMPERATURE - C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com