Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
With a CMOS gate to drive the optocoupler, the circuit
shown in Figure 19 can be used. The diode in parallel to
the current limiting resistor speeds the turn-off of the
optocoupler LED. Any HC or HCT series CMOS gate can
be used in this circuit.
For high common-mode rejection applications, the drive
circuit shown in Figure 20 is recommended. In this circuit,
only an open-collector TTL, or an open drain CMOS gate
can be used. This circuit drives the optocoupler LED with
a 220 ohm current-limiting resistor to ensure that an I
F
of 7 mA is applied under worst case conditions and thus
guarantee the 10,000 V/µs optocoupler common mode
rejection rating. The designer can obtain even higher
common-mode rejection performance than 10,000 V/µs
by driving the LED harder than 7 mA.
Phase Relationship to Input
The output of the optocoupler is inverted when
compared to the input. The input is defined to be logic
HIGH when the LED is ON. If there is a design that requires
the optocoupler to behave as a non-inverting gate, then
Figure 20. High CMR drive circuit for the ACSL-6xx0.
Figure 21. High voltage switching with ACSL-6xx0.
Figure 22. High voltage and high current switching
with ACSL-6xx0.
Figure 19. CMOS drive circuit for the ACSL-6xx0.
the series input drive circuit shown in Figure 19 can be
used. This input drive circuit has an inverting function,
and since the optocoupler also behaves as an inverter,
the total circuit is non-inverting. The shunt drive circuits
shown in Figures 18 and 20 will cause the optocoupler to
function as an inverter.
Current and Voltage Limitations
The absolute maximum voltage allowable at the output
supply voltage pin and the output voltage pin of the opt-
ocoupler is 7 volts. However, the recommended maximum
voltage at these two pins is 5.5 volts. The output sinking
current should not exceed 13 mA in order to make the
Low Level Output Voltage be less than 0.6 volt. If the
output voltage is not a consideration, then the absolute
maximum current allowed through the ACSL-6xx0 is 50
mA. If the output requires switching either higher currents
or voltages, output buffer stages as shown in Figures 21
and 22 are suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com