Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Typical Performance
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - C
VDD = 3.3V
VOL = 0.6V
IF = 7.0 mA
Figure 3. Typical low level output current vs.
temperature for 3.3V operation.
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - C
VDD = 5.0V
VO = 0.6V
RL = 350
Ω
RL = 1 K
Ω
RL = 4 K
Ω
Figure 2. Typical input threshold current vs.
temperature for 5V operation.
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - C
VDD = 3.3V
VO = 0.6V
RL = 350
Ω
RL = 1 K
Ω
RL = 4 K
Ω
Figure 1. Typical input threshold current vs.
temperature for 3.3V operation.
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - C
VDD = 5.0V
VOL = 0.6V
IF = 7.0 mA
IF = 10 mA
Figure 4. Typical low level output current vs.
temperature for 5V operation.
Figure 5. Typical high level output current vs.
temperature for 3.3V operation.
0
5
10
15
-60 -40 -20
0
20
40
60
80 100 120
TA - TEMPERATURE - C
VO = 3.3V
IF = 250 A
VDD = 3.3V
0
5
10
15
-60
-40
-20
0
20
40
60
80
100 120
TA - TEMPERATURE - C
Figure 6. Typical high level output current vs.
temperature for 5V operation.
VDD = 5.0V
VO = 5.0V
IF = 250 A
0
1
2
3
4
5
6
7
8
9
10
-60 -40 -20
0
20
40
60
80
100 120
TA - TEMPERATURE -C
IF = 10 mA
IF = 0 mA
Figure 9. Typical supply current per channel vs.
temperature for 3.3V operation.
VDD = 3.3V
IDDL
IDDH
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60 -40 -20
0
20
40
60
80
100 120
TA- TEMPERATURE -C
IO = 13 mA
Figure 7. Typical low level output voltage vs.
temperature for 3.3V operation.
VDD = 3.3V
IF = 7 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60 -40 -20
0
20
40
60
80
100 120
TA- TEMPERATURE -C
IO = 13 mA
Figure 8. Typical low level output voltage vs.
temperature for 5V operation.
VDD = 5.0V
IF = 7 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com