Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACSL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Schematic Diagrams
ACSL-6210 - Dual-Ch, Bi-Dir
ACSL-6300 - Triple-Ch, All-in-One
ACSL-6310 - Triple-Ch, Bi-Dir (2/1)
Shield
GND2
CATHODE1
4
5
6
7
VDD2
ANODE2
Vo2
Shield
1
2
ANODE1
3
8
GND1
CATHODE2
VDD1
Vo1
16
Shield
1
2
15
14
ANODE1
CATHODE1
VDD
GND
Vo1
Shield
3
4
13
CATHODE2
ANODE2
Vo2
Shield
5
6
12
10
9
CATHODE3
ANODE3
VDD
GND
Vo3
Shield
1
3
ANODE3
4
14
GND1
VDD1
Vo3
CATHODE3
13
Shield
5
6
12
11
ANODE1
CATHODE1
VDD2
Vo1
Shield
7
8
10
9
CATHODE2
ANODE2
GND2
Vo2
The ACSL-6xx0 series optocouplers feature the GaAsP
LEDs with proprietary back emission design. They offer
the designer a broad range of input drive current, from
7 mA to 15 mA, thus providing greater flexibility in
designing the drive circuit.
The output detector integrated circuit (IC) in the opto-
coupler consists of a photodiode at the input of a two-
stage amplifier that provides both high gain and high
bandwidth. The secondary amplifier stage of the detector
IC feeds into an open collector Schottky-clamped transis-
tor.
The entire output circuit is electrically shielded so that any
common-mode transient capacitively coupled from the LED
side of the optocoupler is diverted from the photodiode
to ground. With this electric shield, the optocoupler can
withstand transients that slopes up to 10,000V/µs, and am-
plitudes up to 1,000V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com