Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACSL Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved. Obsoletes 5989-2159EN
AV02-0235EN - March 25, 2014
Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew
operating temperature). As illustrated in Figure 23, if the
inputs of a group of optocouplers are switched either ON
or OFF at the same time, t
PSK is the difference between the
shortest propagation delay,either t
PLH or tPHL, and the
longest propagation delay,either t
PLH or tPHL.
As mentioned earlier,t
PSK can determine the maximum
parallel data transmission rate. Figure 24 is the timing
diagram of a typical parallel data application with both
the clock and the data lines being sent through opto-
couplers. The figure shows data and clock signals at the
inputs and outputs of the optocouplers. To obtain the
maximum data transmission rate, both edges of the
clock signal are being used to clock the data;if only one
edge were used, the clock signal would need to be twice
as fast.
Propagation delay skew repre- sents the uncertainty of
where an edge might be after being sent through an op-
tocoupler. Figure 24 shows that there will be uncertainty
in both the data and the clock lines. It is important that
these two areas of uncertainty not overlap, otherwise the
clock signal might arrive before all of the data outputs
have settled,or some of the data outputs may start to
change before the clock signal has arrived. From these
considerations, the absolute minimum pulse width that
can be sent through optocouplers in a parallel applica-
tion is twice t
PSK. A cautious design should use a slightly
longer pulse width to ensure that any additional uncer-
tainty in the rest of the circuit does not cause a problem.
The t
PSK specified optocouplers offer the advantages of
guaranteed specifications for propagation delays, pulse-
width distortion and propagation delay skew over the
recommended temperature, input current, and power
supply ranges.
Figure 23. Propagation delay skew – t
PSK.
Figure 24. Parallel data transmission example.
Propagation delay is a figure of merit which de-
scribes how quickly a logic signal propagates through
a system. The propagation delay from low to high
(t
PLH) is the amount of time required for an input signal to
propagate to the output, causing the output to change
from low to high. Similarly, the propagation delay from
high to low (t
PHL) is the amount of time required for the
input signal to propagate to the output causing the
output to change from high to low (see Figure 16).
Pulse-width distortion (PWD) results when t
PLH and tPHL differ
in value. PWD is defined as the difference between t
PLH and
t
PHL and often determines the maximum data rate capability
of a transmission system. PWD can be expressed in percent
by dividing the PWD (in ns) by the minimum pulse width
(in ns) being transmitted. Typically, PWD on the order of
20-30% of the minimum pulse width is tolerable; the exact
figure depends on the particular application (RS232, RS422,
T-l, etc.).
Propagation delay skew,t
PSK, is an important parameter
to consider in parallel data applica- tions where synchro-
nization of signals on parallel data lines is a concern. If
the parallel data is being sent through a group of op-
tocouplers, differences in propagation delays will cause
the data to arrive at the outputs of the optocouplers at
different times. If this difference in propagation delays
is large enough, it will determine the maximum rate at
which parallel data can be sent through the optocou-
plers.
Propagation delay skew is defined as the difference
between the minimum and maximum propagation
delays,either t
PLH or tPHL, for any given group of optocou-
plers which are operating under the same conditions (i.e.,
the same drive current, supply voltage, output load, and
50%
50%
tPSK
IF
VO
IF
VO
1.5 V
1.5 V
DATA
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK
tPSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com