Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
TIME BASE INTERRUPT (TBI)
The time base can be used to generate a single fixed frequency interrupt. Eight types of frequencies can be
selected with the "P25" setting.
P25 3
2
1
0
i
nitial value : 0000
P25
NORMAL operation mode
SLOW operation mode
0 0 x x
Interrupt disable
Interrupt disable
0 1 0 0
Interrupt frequency LXIN / 23 Hz
Reserved
0 1 0 1
Interrupt frequency LXIN / 215 Hz
Interrupt frequency LXIN / 215 Hz
0 1 1 0
Interrupt frequency LXIN / 25 Hz
Reserved
0 1 1 1
Interrupt frequency LXIN / 214 Hz
Interrupt frequency LXIN / 214 Hz
1 1 0 0
Interrupt frequency LXIN / 21 Hz
Reserved
1 1 0 1
Interrupt frequency LXIN / 26 Hz
Interrupt frequency LXIN / 26 Hz
1 1 1 0
Interrupt frequency LXIN / 28 Hz
Interrupt frequency LXIN / 28 Hz
1 1 1 1
Interrupt frequency LXIN / 210 Hz
Interrupt frequency LXIN / 210 Hz
1 0 x x
Reserved
Reserved
TIMER / COUNTER (TIMERA, TIMERB)
Timer/counters support three special functions:
1. Even counter
2. Timer.
3. Pulse-width measurement.
These three functions can be executed by 2 timer/counter independently.
With timerA, the counter data is saved in timer register TAH, TAM, TAL. User can set counter initial
value and read the counter value by instruction "LDATAH(M,L)" and "STATAH(M,L)". With timer B
register is TBH, TBM, TBL and the W/R instruction are "LDATBH (M,L)" and "STATBH (M,L)".
The basic structure of timer/counter is composed by two identical counter module, these two modules can
be set initial timer or counter value to the timer registers, P28 and P29 are the command registers for timerA
and timer B, user can choose different operation modes and internal clock rates by setting these two
registers. When timer/counter overflows, it will generate a TRGA(B) interrupt request to interrupt control
unit.
INTERRUPT CONTROL
TRGA request
P8.3/
TRGA
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P28
12 BIT COUNTER
TMSA
IPSA
DATA BUS
P8.1/
TRGB
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P29
12 BIT COUNTER
TMSB
IPSB
TRGB request
PULSE-WIDTH MEASUREMENT
CONTROL
PULSE-WIDTH MEASUREMENT
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com