Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM73P968 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
PIN DESCRIPTIONS
Symbol
Pin-type
Function
P1(0..3)/WAKEUP(4..7) I/O-R1
18-bit bidirection I/O pins with IDLE/STOP releasing function
P2(0..3)/WAKEUP(8..11)
mask option 1 : wakeup disable
P5(0..3)/WAKEUP(16..19)
wakeup enable
P11(0..3)/
mask option 2 : low current push pull
WAKEUP(28..31)
normal current push pull
P15.2/P15.3/
high current push pull
WAKEUP(34,35)
none
P15.0/WAKEUP(32)
1-bit bidirection I/O pins with IDLE/STOP releasing function. Share with
SPI data input/output pin.
mask option 1 : wakeup disable
wakeup enable
mask option 2 : low current push pull
normal current push pull
high current push pull
none
P15.1/WAKEUP(33)
I/O-R1
1-bit bidirection I/O pins with IDLE/STOP releasing function.Share with
SPI clock input/output pin.
mask option 1 : wakeup disable
wakeup enable
mask option 2 : low current push pull
normal current push pull
high current push pull
none
P17.0/COM4
Output-L
1-bit output pin with LCD common pin
mask option : LCD common pin
Push pull
Open-drain
P30(0..3)/SEG(51..48)
Output-M
8-bit output pins are shared with LCD segment pin
P31(0..3)/SEG(47..44)
mask option : LCD segment pin
Low current push pull
Normal current push pull
High current push pull
Open drain
COM0~COM3
LCD common output pins
SEG0~SEG43
LCD segment output pins
VRLC, V1, V2, V3
--
LCD bias voltage pins
TEST
--
Test pin must be connected to VSS
VPP : high voltage (12V) power source for programming OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com