Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73P968 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
GENERAL DESCRIPTION
EM73P968 is an advanced single chip CMOS 4-bit one time programming (OTP) micro-controller. It contains
16K-byte ROM, 2.5K nibbles RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/
counters for the kernel function. EM73P968 also contains 6 interrupt sources, 1 input port, 8 bidirection ports, Max
LCD display (52x5), built-in watch-dog-timer and high speed Timer/Counter.
An analog to digital (A/D) converter having 8-bit multipler analog input and 8-bit resolution. Serial peripheral
interface (SPI).
EM73P968 has plentiful operating modes (SLOW, IDLE, STOP) intended to reduce the power consumption.
FEATURES
• Operation voltage
: 2.2V ~ 6V.
• Clock source
: Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32K Hz,
connect an external resistor) by mask option and high-frequency oscillator is RC
(Connect an external resistor) or Crystall oscillator.
• Instruction set
: 107 powerful instructions.
• Instruction cycle time : Up to 2us for 4 MHz (high speed clock).
122 µs for 32768 Hz (low speed clock with frequency Double)
• ROM capacity
: 16K x 8 bits.
• RAM capacity
: 2.5K x 4 bits.
• Input port
: 1 port, P0(0..3), IDLE/STOP releasing function are available by mask option.
• Output port
: 9 pins (P17.0, P30, P31), P17.0, P30, P31 are shared with LCD pins.
• Bidirection port
: 9 ports (P1, P2, P4, P5, P6, P7, P8, P11, P15). IDLE/STOP releasing function are
available by mask option for P8(0..3), P5 and P6 have high current sink.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width
measurement.
• A/D converter
: An analog to digital (A/D) converter having 8-bit multipler analog input and 8-bit
resolution.
• SPI
: Serial peripheral interface.
• Built-in watch-dog-timer : It is available by mask option.
• Built-in time base counter : 22 stages.
• Built-in high Speed Timer/Counter : Could be timer.
• Subrountine nesting : Up to 13 levels.
• Interrupt
: External . . . . . 2 input interrupt sources.
Internal . . . . . . 2 Timer overflow interrupts, 1 time base interrupt.
1 high speed counter overflow interrupt.
• LCD driver
: 52 X 5 dots, 1/3 bias, 1/4 or 1/5 duty by mask option.
• Power saving function : SLOW, IDLE, STOP operation mode.
• Package type
: Chip form.
QFP 128 pin.
APPLICATIONS
EM73P968 is suitable for application in family applicance, consumer products, hand held games, calculator and
the toy controller.


Similar Part No. - EM73P968

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73P982 EMC-EM73P982 Datasheet
219Kb / 41P
4-BIT MICROCONTROLLER
More results

Similar Description - EM73P968

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com