Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM73P968 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
* This specification are subject to be changed without notice.
8.14.2001
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminar
y
Symbol
Pin-type
Function
V
DD
Power supply (+)
V
SS
Power supply (-)
Vref
ADC power (+)
V
AD
ADC power (+)
V
ADSS
ADC power (-)
RESET
RESET-A
System reset input signal, low active
mask option : none
pull-up
XIN/RCOSC
OSC-A/OSC-H1 Crystal/RC clock source connecting pin
XOUT
OSC-A
Crystal connecting pin
LXIN
OSC-B/OSC-H2 Crystal/RC connecting pin for low speed clock source
LXOUT
OSC-B
Crystal connecting pin for low speed clock source
P0(0..3)/WAKEUP(0..3) INPUT-K
4-bit input port with IDLE/STOP releasing function
P0.0/ACLK : address counter clock for programming OTP.
P0.1/PGMB : program data to OTP cells for programming OTP.
P0.2/OEB : data output enable for programming OTP.
P0.3/DCLK : data in/out clock signal for programming OTP.
mask option 1 : wakeup disable
wakeup enable
mask option 2 :low current pull up
normal current pull up
high current pull up
none
FUNCTION BLOCK DIAGRAM
PIN DESCRIPTIONS
Interrupt
Control
Time
Base
Timer/Counter
(TA,TB)
System Control
Instruction Decoder
Instruction Register
ROM
PC
Reset
Control
Clock
Generator
Timing
Generator
Sleep Mode
Control
Data pointer
ACC
ALU
Flag
ZC
S
Stack pointer
Stack
RAM
HR
LR
I/O Control
RESET
XIN
XOUT
Clock
Generator
(slow)
LXOUT LXIN
LCD
VRLC
V1
V2
V3
TEST
VDD
P0/WAKEUP
P2
P4
P5
/WAKEUP
/WAKEUP
/WAKEUP
ADC
SPI
P15.0/P15.1/
WAKEUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com