Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
ADC control register
P26(BIT)
3
2
1
0
Initial value : 0000
SYMBOL
ADEN
*
F_RUN
START
Port 26 is A/D control register , when P26.3 (ADEN) is high A/D converter enable , P26.3 is low A/D converter
disable , P26.1(F_RUN) is high, select A/D conversion is free run , P26.1(F_RUN) is slow , A/D could not
convert P26.0(START) is high , A/D converter is only one time.
A/D clock rate control register
P23(BIT)
3
2
1
0
Initial value : 0000
SYMBOL
*
*
A/D rate select
A/D rate
A/D clock rate
0 0
CLK / 25
0 1
CLK / 26
1 0
CLK / 27
1 1
CLK / 27
CLK=system clock (4M)
ADC Data Register (P12,P13)
When we use ADC , first ADC must get P12,P13 ,because P12,P13 share with SPI , ADC and HTC when
the A/D conversion is complete ,the result is load to the P12,P13, and the ADC can generate an interrupt (ADI),
the INT2_S ( P14.3) is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com