Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
P22 3
210
Initial value : 0000
*
SOM
SOM
Low-frequency
000
2^3/LXIN RC solw to normal
001
2^4/LXIN RC solw to normal
010
2^11/LXIN X'tal slow to normal
011
2^12/LXIN X'tal slow to normal
1**
normal to slow
P14
32
10
Initial value : *000
INT2_S WKS SPI_F CPUS
SPI_F
SPI_Flag
CPUS
CPU status
0
SPI register is empty
0
NORMAL operation mode
1
SPI register is full
1
SLOW operation
WKS
Wakeup status
0
Wakeup not by internal timer
1
Wakeup by internal timer
Port14 is the status register for CPU. P14.0 (CPU status) and. P14.2 (wakeup status) will be set to "1" when
CPU is wake-up by internal timer. P14.2 will be cleared to "0" when user out data to P14. INT2_S is low, the
program address "0004H" is the interrupt entry address of HTCI. INT2_S is high, the program address
"0004H" is the interrupt entry address of ADI.
IDLE OPERATION MODE
The IDLE operation mode suspends all CPU functions except the low-frequency clock oscillation and the
LCD driver. It keeps the internal status with low power consumption without stopping the slow clock
oscillator and LCD display.
LCD display is available for the IDLE operation mode. The IDLE operation mode will be wakeup and return
to the SLOW operation mode by the internal timing generator or I/O pins (P0(0..3)/WAKEUP 0..3, P1(0..3)/
WAKEUP 4..7, P2(0..3)/WAKEUP 8..11, P4(0..3)/WAKEUP 12..15, P5(0..3)/WAKEUP 16..19, P6(0..
3)/WAKEUP 20..23, P7(0..3)/WAKEUP 24..27, P8(0..3)/WAKEUPA..D, P11(0..3)/WAKEUP 28..31,
and P15(0..3)/WAKEUP 32..35).
P19
32
10
Initial value : 0000
IDME
SIDR
IDME
Enable IDLE mode
SIDR
Select IDLE releasing condition
0 1
Enable IDLE mode
0 0
P0,P1,P2,P4,P5,P6,P7,P8,P11,P15 pin input
* *
no function
0 1
P0,P1,P2,P4,P5,P6,P7,P8,P11,P15 pin input and 1 sec
signal
1 0
P0,P1,P2,P4,P5,P6,P7,P8,P11,P15 pin input and 0.5 sec
signal
1 1
P0,P1,P2,P4,P5,P6,P7,P8,P11,P15 pin input and 15.625
ms signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com