Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 42Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
EM73P968 I/O PORT DESCRIPTION :
Port
Input function
Output function
Note
0
E Input port, wakeup function
1
E Input port, wakeup function
E Output port
2
E Input port, wakeup function
E Output port
3
I
ROM bank selection
I
ROM bank selection, P3.3 SPI use
4
E Input port, wakeup function
E Output port
5
E Input port, wakeup function
E Output port
6
E Input port, wakeup function
E Output port
share with A/D input
7
E Input port, wakeup function
E Output port
share with A/D input
8
E Input port, wakeup function,
E Output port, P8.0(INT1), P8.1(TRGB),
external interrupt input
P8.2(INT0), P8.3(TRGA)
9
I
RAM bank selection
I
RAM bank selection
10
I
General purpose register
I
General purpose register
11
E Input port, wakeup function
E Output port
12
SPI input data register
I
High speed counter register share with SPI
Low nibble
output data, A/D resolution data
13
SPI input data register
I
High speed counter register share with SPI
Highnibble
output data, A/D resolution data
14
I
CPU status
I
CPU status, interrupt source selector
15
E Input port, wakeup function
E Output port,
P15.0 input data with SPI,
P15.0 output data with SPI,
P15.1 input clock with SPI
P15.1 output clock with SPI
16
I
STOP mode control register
17
I
Output port P17.0/COM4
P17.1-P17.3 A/D control register
18
I
Interrupt status register
P12, P13 control register
19
I
IDLE mode control register
20
I
HTC control register
21
I
WDT control register
22
I
NORMAL/SLOW mode control register
23
I
ADC control register
24
SPI control register
25
I
Timebase control register
26
A/D control register
27
I
LCD control register
28
I
Timer / counter A control register
29
I
Timer / counter B control register
30
I
Output port / SEG(51..48)
31
I
Output port / SEG(47..44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com