Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P968 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM73P968
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 40Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 41Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 42Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 43Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 44Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
Input
data
Output
data
path B
path A
TYPE I/O-Q
Output
data
latch
Special function
output
: mask option
TYPE I/O-N
Output
data
latch
Input
data
Output
data
path B
path A
SEL
Special function
control input
WAKEUP function
mask option
Input
data
Output
data
path B
path A
TYPE I/O-Q
Output
data
latch
Special function
output
: mask option
S
R
Power-on
reset
WAKEUP function
mask option
Output
data
TYPE I/O-Q
Output
data
latch
Special function
output
: mask option
Output
data
TYPE I/O
Output
data
latch
Special function
output
: mask option
TYPEI/O-Q
TYPEI/O-R1
Path A : For set and clear bit of port instructions, data goes through path A from output data latch to CPU.
Path B : For input and test instructions, data from output pin go through path B to CPU and the output data latch
will be set to high.
TYPE I/O-S
TYPEI/O-Z
OUTPUT-L
OUTPUT-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com