Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 10Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 11Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 12Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 13Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 14Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 16Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
14
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
USB Transceiver. The USB Transceiver Cell provides the USB 1.1 / USB 2.0 full-speed physical interface
to the USB cable. The output drivers provide +3.3V level slew rate control signalling, whilst a differential
input receiver and two single ended input receivers provide USB data in, Single-Ended-0 (SE0) and USB
reset detection conditions respectfully. This function also incorporates a 1.5kΩ pull up resistor on USBDP.
The block also detects when connected to a USB power supply which will not enumerate the device but
still supply power and may be used for battery charging.
USB DPLL. The USB DPLL cell locks on to the incoming NRZI USB data and generates recovered clock
and data signals for the Serial Interface Engine (SIE) block.
Internal 12MHz Oscillator - The Internal 12MHz Oscillator cell generates a 12MHz reference clock. This
provides an input to the x4 Clock Multiplier function. The 12MHz Oscillator is also used as the reference
clock for the SIE, USB Protocol Engine and UART FIFO controller blocks.
Clock Multiplier / Divider. The Clock Multiplier / Divider takes the 12MHz input from the Internal
Oscillator function and generates the 48MHz, 24MHz, 12MHz and 6MHz reference clock signals. The 48Mz
clock reference is used by the USB DPLL and the Baud Rate Generator blocks.
Serial Interface Engine (SIE). The Serial Interface Engine (SIE) block performs the parallel to serial
and serial to parallel conversion of the USB data. In accordance with the USB 2.0 specification, it
performs bit stuffing/un-stuffing and CRC5/CRC16 generation. It also verifies the CRC on the USB data
stream.
USB Protocol Engine. The USB Protocol Engine manages the data stream from the device USB control
endpoint. It handles the low level USB protocol requests generated by the USB host controller and the
commands for controlling the functional parameters of the UART in accordance with the USB 2.0
specification chapter 9.
FIFO RX Buffer (512 bytes). Data sent from the USB host controller to the UART via the USB data OUT
endpoint is stored in the FIFO RX (receive) buffer. Data is removed from the buffer to the UART transmit
register under control of the UART FIFO controller. (Rx relative to the USB interface).
FIFO TX Buffer (512 bytes). Data from the UART receive register is stored in the TX buffer. The USB
host controller removes data from the FIFO TX Buffer by sending a USB request for data from the device
data IN endpoint. (Tx relative to the USB interface).
UART FIFO Controller. The UART FIFO controller handles the transfer of data between the FIFO RX and
TX buffers and the UART transmit and receive registers.
UART Controller with Programmable Signal Inversion and High Drive. Together with the UART
FIFO Controller the UART Controller handles the transfer of data between the FIFO RX and FIFO TX
buffers and the UART transmit and receive registers. It performs asynchronous 7 or 8 bit parallel to serial
and serial to parallel conversion of the data on the RS232 (or RS422 or RS485) interface.
Control signals supported by UART mode include RTS, CTS. The UART Controller also provides a
transmitter enable control signal pin option (TXDEN) to assist with interfacing to RS485 transceivers.
RTS/CTS and XON / XOFF handshaking options are also supported. Handshaking is handled in hardware to
ensure fast response times. The UART interface also supports the RS232 BREAK setting and detection
conditions.
Additionally, the UART signals can each be individually inverted and have a configurable high drive
strength capability (using FT_PROG). Both these features are configurable in the MTP memory.
Baud Rate Generator - The Baud Rate Generator provides a 16x clock input to the UART Controller
from the 48MHz reference clock. It consists of a 14 bit pre-scalar and 3 register bits which provide fine
tuning of the baud rate (used to divide by a number plus a fraction or “sub-integer”). This determines the
baud rate of the UART, which is programmable from 183 baud to 3 Mbaud.
The FT230X supports all standard baud rates and non-standard baud rates from 183 Baud up to 3
Mbaud. Achievable non-standard baud rates are calculated as follows -
Baud Rate = 3000000 / (n + x)
where ‘n’ can be any integer between 2 and 16,384 ( = 214 ) and ‘x’ can be a sub-integer of the value 0,
0.125, 0.25, 0.375, 0.5, 0.625, 0.75, or 0.875. When n = 1, x = 0, i.e. baud rate divisors with values
between 1 and 2 are not possible.
This gives achievable baud rates in the range 183.1 baud to 3,000,000 baud. When a non-standard baud
rate is required simply pass the required baud rate value to the driver as normal, and the FTDI driver will
calculate the required divisor, and set the baud rate. See FTDI application note AN232B-05 on the FTDI
website (www.ftdichip.com) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com