Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 37Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 38Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 39Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 40Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
37
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
9.3 QFN-16 Package Mechanical Dimensions
Figure 9.3 QFN-16 Package Dimensions
The FT230XQ is supplied in a RoHS compliant leadless QFN-16 package. The package is lead (Pb) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 4.00mm x 4.00mm. The solder pads are on a 0.65mm pitch. The above
mechanical drawing shows the QFN-16 package. All dimensions are in millimetres.
The centre pad on the base of the FT230XQ is internally connected to ground.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com