Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
29
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
X-Chip Pin
Function
EEPROM Setting
CBUS5
CBUS6
SLEEP#
PWREN#
Battery Options
Battery Charger Enable
Force Power Enable
De-acticate Sleep
X
X
X
SLEEP#
PWREN#
DP
DM
3V3OUT
RESET#
CBUS6
CBUS5
U1
FT230X
0.4A when connected to a dedicated charger port
GND
GND
0.1uF
0.1uF
GND
GND
600R/2A
10nF
VBUS
3V3OUT
0.1uF
0R
GND
SLD
GND
27R
27R
VBUS
1
D-
2
D+
3
GND
5
ID
4
CN USB
3V3OUT
3V3OUT
VBUS
VBUS
N.F.
16K5 1%
GND
4K32 1%
PWREN#
0.4A when enumerated
0A when in sleep mode
0.1A when not enumerated and not in sleep mode
VCC
2
FAULT
3
TIMER
4
GND
5
NTC
6
PROG
7
SHDN
8
BAT
9
ACPR
10
CHRG
1
LTC4053EDD
GND
4.7uF
0.1uF
GND
VBUS
VBUS
GND
VBATT
GND
GND
1
TB3.5mm
NTC
0.1uF
GND
VBUS
1uF
1R
GND
VBUS
2K2
GND
JP1
1-2
2-3
NCT Enabled
NCT Available
JP1
SIP-3
NTC
GND
NCT Disabled (Default)
JUMPER-2mm
4K32 1%
+
-
NCT
SLEEP#
Figure 7.5 USB Battery Charging Detection (2 pin)
In the example above the FT230X SLEEP pin is used to enable/disable the LTC4053, while the PWREN#
signal alters the charging current by altering the resistance on the LTC4053 PROG pin.
A third option shown in the example below uses the SLEEP signal from the FT230X to enable / disable the
battery charger. The BCD# and PWREN# signals are then used to alter the resistance on the PROG pin of
the LTC4053 which controls the charge current drawn from the USB connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com