Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
Parameter
Value
Notes
Enable
CBUS Drive Current
Strength
4mA
Options are 4mA, 8mA, 12mA, 16mA
CBUS slew rate
Slow
Options are slow or fast
CBUS Schmitt Trigger
Enable
Normal
Options are normal or Schmitt
Load VCP Driver
Enabled**
Makes the device load the VCP driver interface for
the device.
CBUS0
TXDEN
Default configuration of CBUS0 – Transmit data
enable for RS485
CBUS1
RXLED#
Default configuration of CBUS1 – Receive LED drive.
CBUS2
TXLED#
Default configuration of CBUS2 – Transmit LED
drive.
CBUS3
SLEEP#
Default configuration of CBUS3 – SLEEP#, goes
active low when the device is in suspend
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Table 8.1 Default Internal MTP Memory Configuration
**VCP disabled in Rev B silicon in error
8.2 Methods of Programming the MTP Memory
8.2.1 Programming the MTP memory over USB
The MTP memory on all FT-X devices can be programmed over USB. This method is the same as for the
EEPROM on other FTDI devices such as the FT232R. No additional hardware, connections or programming
voltages are required. The device is simply connected to the host computer in the same way that it would
be for normal applications, and the FT_Prog utility is used to set the required options and program the
device.
The FT_Prog utility is provided free-of-charge from the FTDI website, and can be found at the link below.
The user guide is also available at this link.
http://www.ftdichip.com/Support/Utilities.htm#FT_Prog
Additionally, D2XX commands can be used to program the MTP memory from within user applications.
For more information on the commands available, please see the D2XX Programmers Guide below.
http://www.ftdichip.com/Support/Documents/ProgramGuides/D2XX_Programmer's_Guide(FT_000071).p
df



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com