Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 10Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 11Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 12Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
9
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
3.2 16-LD SSOP Package
RXD
4
CTS#
6
CBUS2
7
USBDP
8
USBDM
9
3V3OUT
10
RESET#
11
CBUS1
14
CBUS0
15
CBUS3
16
TXD
1
RTS#
2
U?
FT230XS
Figure 3.2 SSOP Schematic Symbol
3.2.1 SSOP Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
12
**
VCC
POWER
Input
5 V (or 3V3) supply to IC
3
VCCIO
POWER
Input
1V8 - 3V3 supply for the IO cells
10
**
3V3OUT
POWER
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3; pin 10 is an input pin and should be
connected to pin 12.
5, 13
GND
POWER
Input
0V Ground input.
Table 3.4 Power and Ground
** If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input
Pin No.
Name
Type
Description
9
USBDM
INPUT
USB Data Signal Minus.
8
USBDP
INPUT
USB Data Signal Plus.
11
RESET#
INPUT
Reset input (active low).
Table 3.5 Common Function pins
Pin No.
Name
Type
Description
1
TXD
Output
Transmit Asynchronous Data Output.
4
RXD
Input
Receiving Asynchronous Data Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com