Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
7 Application Examples
The following sections illustrate possible applications of the FT230X. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT230XS and FT230XQ package
options.
7.1 USB to RS232 Converter
FT230X
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
SLEEP#
CBUS1
CBUS2
TXD
RXD
RTS#
CTS#
TXDATA
RXDATA
RTS
CTS
TXLED
RXLED
VCCIO
VCCIO
270R
270R
GND
CTS
TXDATA
RTS
RXDATA
DB9M
SHIELD
10
5
9
4
8
3
7
2
6
1
SHDN#
CBUS0
TXD
RXD
RTS#
CTS#
27R
27R
GND
47pF
47pF
VCCIO
TXD
RXD
RTS#
CTS#
10k
10k
10k
10k
Figure 7.1 Application Example showing USB to RS232 Converter
An example of using the FT230X as a USB to RS232 converter is illustrated in Figure 7.1. In this
application, a 3V3 TTL to RS232 Level Converter IC is used on the serial UART interface of the FT230X to
convert the 3V3 levels of the FT230X to RS232 levels. This level shift can be done using line drivers from
a variety of vendors e.g. Zywyn. A useful feature on some of these devices is the SHDN# pin which can
be used to power down the device to a low quiescent current during USB suspend mode.
A suitable level shifting device is the Zywyn ZT3243F which is capable of RS232 communication at up to
1000k baud.
In example shown, the CBUS1 and CBUS2 have been configured as TXLED# and RXLED# and are being
used to drive two LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com