Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 12Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 13Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 14Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 16Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 18Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
16
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
5 Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT230X devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Conditions
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-
STD-033A MSL
Level 3
Compliant)*
Hours
Ambient Operating Temperature (Power
Applied)
-40°C to 85°C
Degrees C
MTTF FT230XS
TBD
Hours
MTTF FT230XQ
TBD
Hours
VCC Supply Voltage
-0.3 to +5.5
V
VCCIO IO Voltage
-0.3 to +4.0
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – High Impedance
Bi-directionals (powered from VCCIO)
-0.3 to +5.8
V
DC Output Current – Outputs
22
mA
Table 5.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
5.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Charged Device Mode (CDM)
> ± 500V
Latch-up
> ± 200mA
Table 5.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com