Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XQ-R Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # FT230XQ-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT230XQ-R Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button FT230XQ-R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 20Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT230XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
23
FT230X USB TO BASIC UART IC
Version 1.2
Document No.: FT_000566 Clearance No.: FTDI# 260
6.2 Self Powered Configuration
FT230X
1
2
3
4
5
SHIELD
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC(3.3-5.25V)
RESET#
100nF
100nF
100nF
4.7uF
+
GND
4k7
10k
27R
27R
GND
47pF
47pF
VBUS_SENSE
Figure 6.2 Self Powered Configuration
Figure 6.2 illustrates the FT230X in a typical USB self powered configuration. A USB self powered device
gets its power from its own power supply, VCC, and does not draw current from the USB bus. The basic
rules for USB self powered devices are as follows –
i) A self powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii) A self powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii) A self powered device can be used with any USB host, a bus powered USB hub or a self powered
USB hub.
The power descriptor in the internal MTP memory of the FT230X should be programmed to a value of
zero (self powered).
In order to comply with the first requirement above, the USB bus power (pin 1) is used to control the
VBUS_Sense pin of the FT220X device. When the USB host or hub is powered up an internal 1.5kΩ
resistor on USBDP is pulled up to +3.3V, thus identifying the device as a full speed device to the USB
host or hub. When the USB host or hub is powered off, VBUS_Sense pin will be low and the FT220X is
held in a suspend state. In this state the internal 1.5kΩ resistor is not pulled up to any power supply
(hub or host is powered down), so no current flows down USBDP via the 1.5kΩ pull-up resistor. Failure to
do this may cause some USB host or hub controllers to power up erratically.
Figure 6.2 illustrates a self powered design which has a +3.3V to +5.25V supply.
Note:
1. When the FT230X is in reset, the UART interface I/O pins are tri-stated. Input pins have internal
75kΩ pull-up resistors to VCCIO, so they will gently pull high unless driven by some external
logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com