Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 22 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 22 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 18Page - Alpha Wire PVC-105-2 Datasheet HTML 19Page - Alpha Wire PVC-105-2 Datasheet HTML 20Page - Alpha Wire PVC-105-2 Datasheet HTML 21Page - Alpha Wire PVC-105-2 Datasheet HTML 22Page - Alpha Wire PVC-105-2 Datasheet HTML 23Page - Alpha Wire PVC-105-2 Datasheet HTML 24Page - Alpha Wire PVC-105-2 Datasheet HTML 25Page - Alpha Wire PVC-105-2 Datasheet HTML 26Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
502
FIT > FIT Wire Management > Uncoated Fiberglass Sleeving
FIT® Wire Management
Uncoated Fiberglass Sleeving
PIF-240
UL 1441 (500 VRMS)
UL VW-1
MIL-Y-1140
ASTM D 350/372 Class C
• Extreme flexibility
• Extreme heat environments
Operating Temperature
• -60°C to +648°C
Color
• Natural
Material
• Heat-annealed braided
fiberglass
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Lead free
Electrical Properties
• Volume resistivity: 1015 ohm-cm
Availability
100 ft (30.5 m)
Spools may contain multiple
lengths
Part No.
Inside Diameter, Min.
Inside Diameter, Max.
Wall Thickness, Min.
Inch
mm
Inch
mm
Inch
mm
PIF-240-20
0.032
0.81
0.039
0.99
0.009
0.23
PIF-240-18
0.040
1.02
0.049
1.24
0.011
0.28
PIF-240-16
0.051
1.30
0.061
1.55
0.011
0.28
PIF-240-15
0.057
1.45
0.067
1.70
0.011
0.28
PIF-240-14
0.064
1.63
0.074
1.88
0.011
0.28
PIF-240-12
0.081
2.06
0.091
2.31
0.011
0.28
PIF-240-11
0.091
2.31
0.101
2.57
0.011
0.28
PIF-240-10
0.102
2.59
0.112
2.84
0.011
0.28
PIF-240-9
0.114
2.90
0.124
3.15
0.011
0.28
PIF-240-8
0.129
3.28
0.141
3.58
0.011
0.28
PIF-240-7
0.144
3.66
0.158
4.01
0.013
0.33
PIF-240-6
0.162
4.11
0.178
4.52
0.013
0.33
PIF-240-5
0.182
4.62
0.198
5.03
0.013
0.33
PIF-240-4
0.204
5.18
0.224
5.69
0.016
0.41
PIF-240-3
0.229
5.82
0.249
6.32
0.016
0.41
PIF-240-2
0.258
6.55
0.278
7.06
0.016
0.41
PIF-240-1
0.289
7.34
0.311
7.90
0.016
0.41
PIF-240-0
0.325
8.26
0.347
8.81
0.016
0.41
PIF-240-3/8
0.375
9.53
0.399
10.13
0.016
0.41
PIF-240-7/16
0.438
11.13
0.462
11.73
0.018
0.46
PIF-240-1/2A
0.500
12.70
0.524
13.31
0.018
0.46
PIF-240-5/8
0.625
15.88
0.655
16.64
0.018
0.46
PIF-240-3/4
0.750
19.05
0.783
19.89
0.018
0.46
PIF-240-7/8
0.875
22.23
0.991
25.17
0.018
0.46
PIF-240-1IN
1.000
25.40
1.026
26.06
0.018
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com