Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 12 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 12 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 8Page - Alpha Wire PVC-105-2 Datasheet HTML 9Page - Alpha Wire PVC-105-2 Datasheet HTML 10Page - Alpha Wire PVC-105-2 Datasheet HTML 11Page - Alpha Wire PVC-105-2 Datasheet HTML 12Page - Alpha Wire PVC-105-2 Datasheet HTML 13Page - Alpha Wire PVC-105-2 Datasheet HTML 14Page - Alpha Wire PVC-105-2 Datasheet HTML 15Page - Alpha Wire PVC-105-2 Datasheet HTML 16Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
492
FIT > FIT Wire Management > Slit Loom Tubing
FIT® Wire Management
Convoluted Slit Loom Tubing
Type 492
• Abrasion and fluid resistant
• Light weight
• Easy, flexible cable breakouts
Operating Temperature
• -40°C to +93°C
Color
• Black
Material
• Polyethylene
Chemical Properties
• Corrosive effect: none
• Fungus resistance: no growth
• Lead free
Electrical Properties
• Volume resistivity: 1015 ohm-cm
Availability
100 ft (30.5 m)
Part No.
Inside
Diameter, Min.
Inside
Diameter, Max.
Outside
Diameter, Min.
Outside
Diameter, Max.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
492250
0.256
6.50
0.276
7.01
0.373
9.47
0.398
10.11
492350
0.341
8.66
0.38
9.65
0.496
12.60
0.526
13.36
492413
0.399
10.13
0.437
11.10
0.569
14.45
0.597
15.16
492500
0.473
12.01
0.516
13.11
0.664
16.87
0.70
17.78
492625
0.603
15.32
0.639
16.23
0.802
20.37
0.837
21.26
492750
0.707
17.96
0.759
19.28
0.95
24.13
0.989
25.12
492100
1.020
25.91
1.069
27.15
1.251
31.78
1.304
33.12
492150
1.566
39.78
1.647
41.83
1.867
47.42
1.947
49.45
492200
1.969
50.01
2.038
51.77
2.285
58.04
2.388
60.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com