Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 27 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 27 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 23Page - Alpha Wire PVC-105-2 Datasheet HTML 24Page - Alpha Wire PVC-105-2 Datasheet HTML 25Page - Alpha Wire PVC-105-2 Datasheet HTML 26Page - Alpha Wire PVC-105-2 Datasheet HTML 27Page - Alpha Wire PVC-105-2 Datasheet HTML 28Page - Alpha Wire PVC-105-2 Datasheet HTML 29Page - Alpha Wire PVC-105-2 Datasheet HTML 30Page - Alpha Wire PVC-105-2 Datasheet HTML 31Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
507
FIT > FIT Wire Management > Flexible, Semirigid Wrappable Sleeving
FIT® Wire Management
Flexible, Semirigid Wrappable Sleeving
GRP-130 and GRP-130NF
The choice for a wide variety of
bundling applications without the
need for additional fasteners
UL UZKX2
UL 94V-0 (GRP-130)
UL VW1 (GRP-130NF)
CSA 5836 01 FT2
FAR 25 (GRP-130NR)
• Bends tightly without distorting
or opening
• 25% edge overlap to
accommodate connectors
and splices
• Fast, easy wrap-around
installation
• More flexible than spiral wrap or
split convoluted tubing
*Designed for up to 1.22” cable diameter
Operating Temperature
• -70°C to +125°C
• GRP-130: 230°C melt
temperature
• GRP-130NF: 250°C melt
temperature
Color
• GRP-130: Black or orange
• GRP-130NF: Black with
white tracer
Materials
• 10-mil PET braid
• Cuts with hot knife
Physical Properties
• Tensile strength:
GRP-130: 6 psi (0.04 N/mm2)
GRP-130NF: 4 psi (0.02 N/mm2)
• Specific gravity: 1.38 max
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 0.10% max
• UV resistant
• Halogen free
• Lead free
The GRP-130 installation tool
makes installing long length of
GRP-130 sleeving fast and easy.
Simply insert your wire bundle
into the tool’s shank and slide the
tool along the split in the sleeving.
The tool deposits the wires and
allows the split to close correctly.
Availability
See table
Reels may contain multiple lengths
Part No.
Size
Wall Thickness
(Min)
Ends per
Carrier
Alternating
Standard Put-Ups
Installation Tool
Part No.
Black
Black w/ Tracer
Inch
mm
Inch
mm
Ft
m
GRP-130-1/8
GRP-130NF-18
0.125
3.18
0.024
3.18
1/3
50, 200
15.2, 71
GRP-130T-1/4
GRP-130-1/4
GRP-130NF-14
0.250
6.35
0.025
6.35
1/3
50, 200
15.2, 71
GRP-130T-1/4
GRP-130-3/8
GRP-130NF-38
0.375
9.53
0.025
9.53
1/3
50, 100
15.2, 30.5
GRP-130T-1/2
GRP-130-1/2
GRP-130NF-12
0.500
12.70
0.025
12.70
1/3
50, 100
15.2, 30.5
GRP-130T-1/2
GRP-130-3/4
GRP-130NF-34
0.750
19.05
0.025
19.05
1/3
50, 100
15.2, 30.5
GRP-130T-3/4
GRP-130-1IN
GRP-130NF-1IN
1.000
25.40
0.038
25.40
1/3
50, 100
15.2, 30.5
GRP-130T-1IN
GRP-130-1-1/4
GRP-130NF-1-14
1.250
31.75
0.038
31.75
1/3
25
7.6
GRP-130T-1-1/4
GRP-130-1-1/2
GRP-130NF-1-12
1.500
38.10
0.038
38.10
1/3
25
7.6
GRP-130T-1-1/4
GRP-130-2IN
GRP-130NF-2IN
2.000
50.80
0.038
50.80
2/3
25
7.6
GRP-130T-1-1/4*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com