Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 36 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 36 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 32Page - Alpha Wire PVC-105-2 Datasheet HTML 33Page - Alpha Wire PVC-105-2 Datasheet HTML 34Page - Alpha Wire PVC-105-2 Datasheet HTML 35Page - Alpha Wire PVC-105-2 Datasheet HTML 36Page - Alpha Wire PVC-105-2 Datasheet HTML 37Page - Alpha Wire PVC-105-2 Datasheet HTML 38Page - Alpha Wire PVC-105-2 Datasheet HTML 39Page - Alpha Wire PVC-105-2 Datasheet HTML 40Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
516
FIT > FIT Wire Management > Lacing Tape
FIT® Wire Management
Lacing Tape
A-A-52080 Type 1
• High tensile strength
• Good chemical resistance
• Excellent abrasion resistance
• Excellent knot retention
See table for specifications.
Finishes
A. Natural, No finish
B. Wax: A microcrystalline wax
with a melting point above 54°C
compounded with a fungicide that
does not contain either copper or
mercuric materials. Excellent knot
retention, yet the finish does not
have too great a “waxy” feel to the
user. Microcrystalline wax is soft,
pliable, and easy to tie.
C. Synthetic Rubber or Elastomer:
A special continuous coating
of fungistatic synthetic rubber
containing no corrosive
compounding ingredients. Knots
tied with this finish will not slip.
This finish will not flake or dust.
D: Glass/TFE:
The glass/TFE combination has
excellent tensile strength and
abrasion resistance. Also resists
fungus, acids and flames.
E. Synthetic Resin or Vinyl:
A thermoplastic synthetic resin with
a melting point above 177°C for use
where a “wax free” type is specified.
It is a non-dusting or flaking, dry
finish with good knot tying qualities.
A-A-52080 (MIL-T-43435B Type I)
• Flat braid made from high-
tenacity continuous nylon yarn
Operating temperature:
• -55° C to +121°C
Elongation:
• 40% max
Finish weight (impregnated % of
material by weight)
• Finish A (natural)
• Finish B (wax): 15% – 32%
• Finish C (synthetic rubber/
elastomer): 7% – 17%
• Finish E (synthetic resin/vinyl):
15% – 30%
Part No.
Finish
Color
Width,
Nom
Thickness,
Nom.
Break
Strength, Min. Availability*
Inch
mm
Inch
mm
lb
kg
Yd
m
801530W
A
Natural 0.050 1.27 0.010 0.25
15
6.8
500
457
801536B
B
Black
0.050 1.27 0.010 0.25
15
6.8
500
457
801536W
B
Natural 0.050 1.27 0.010 0.25
15
6.8
500
457
802534B
B
Black
0.060 1.52 0.012 0.30
25
11.3
500
457
802534W
B
Natural 0.060 1.52 0.012 0.30
25
11.3
500
457
LC-134
B
Black,
White
0.060 1.52 0.012 0.30
25
11.3
500
457
805032B
E
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805032W
E
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
805036B
B
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805036W
B
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
805040B
C
Black
0.085 2.16 0.014 0.36
50
22.7
500
457
805040W
C
Natural 0.085 2.16 0.014 0.36
50
22.7
500
457
LC-143
E
Black,
White
0.085 2.16 0.014 0.36
50
22.7
500
457
808036B
B
Black
0.110 2.79 0.015 0.38
80
36.3
250
228
808036W
B
White
0.110 2.79 0.015 0.38
80
36.3
250
228
*Bobbins/tubes may contain multiple lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com