Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 24 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 24 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 20Page - Alpha Wire PVC-105-2 Datasheet HTML 21Page - Alpha Wire PVC-105-2 Datasheet HTML 22Page - Alpha Wire PVC-105-2 Datasheet HTML 23Page - Alpha Wire PVC-105-2 Datasheet HTML 24Page - Alpha Wire PVC-105-2 Datasheet HTML 25Page - Alpha Wire PVC-105-2 Datasheet HTML 26Page - Alpha Wire PVC-105-2 Datasheet HTML 27Page - Alpha Wire PVC-105-2 Datasheet HTML 28Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
504
FIT > FIT Wire Management > Self-Fusing Silicone Tape
FIT® Wire Management
Self-Fusing Silicone Tape
A-A-59163
• Cures within 48 hours at room
temperature or 4 hours at 177°C
• No adhesive required
• Low-cost seal for electrical
insulation, cables harnesses,
splices, hot air ducting, and
electrical wire wrap
• Conforms to irregular shapes to
protect, secure, insulate, mask
• Resists outside weathering
Operating Temperature
• -90°C to +260°C (continuous)
Colors
• Red, black, blue, yellow,
white, green
Material
• Silicone
Physical Properties
• Tensile strength: 700 psi
(4.8 N/mm2) min.
• Elongation: 300% min.
• Water absorption: 3% max.
• Bond strength: 20 lbf (25 kgf)
• Shelf life: 1 year at 37.3°C for
unopened container
Electrical Properties
• Dielectric strength: 400 V/mil
(157 kV/cm)
• Volume resistivity: 1 x 1013 ohm-cm
Availability
• 14-ft put-ups (all colors)
• 35-ft put-ups (black, red)
Part No.
Width
Thickness
Inch
mm
Inch
mm
TY2001
1.000
25.40
0.020
0.51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com