Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 29 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 29 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 25Page - Alpha Wire PVC-105-2 Datasheet HTML 26Page - Alpha Wire PVC-105-2 Datasheet HTML 27Page - Alpha Wire PVC-105-2 Datasheet HTML 28Page - Alpha Wire PVC-105-2 Datasheet HTML 29Page - Alpha Wire PVC-105-2 Datasheet HTML 30Page - Alpha Wire PVC-105-2 Datasheet HTML 31Page - Alpha Wire PVC-105-2 Datasheet HTML 32Page - Alpha Wire PVC-105-2 Datasheet HTML 33Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
509
FIT > FIT Wire Management > Advanced Chemical Resistance Expandable Sleeving
FIT® Wire Management
Advanced Chemical Resistance Expandable Sleeving
GRP-170
The extremely lightweight
sleeving that is impervious to
virtually all chemicals
UL 94V-0
FAR 25
• Resists acids, bases, solvents,
and fuels
• Ultra-lightweight
• High abrasion resistance
• Expandable to 150%
• Flame resistant
• Cuts cleanly with hot knife
Operating Temperature
• -70°C to +200°C
• 285°C melt temperature
Color
• Black
Materials
• 8-mil-diameter polyphenylene
sulfide (PPS) monofilaments
• Cuts with hot knife
Physical Properties
• Specific gravity: 1.37 max
• Flame resistant
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 0.025% max
• Low outgassing
• UV resistant
• Halogen free
• Lead free
Availability
See table
Reels may contain multiple lengths
Part No.
Nominal Size
Expansion Range
Construction
Standard Put-Ups
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-170-1/8
1/8
3.18
0.094 – 0.250
2.38 – 6.35
32
2
64
100, 500
30.5, 152
GRP-170-1/4
1/4
6.35
0.125 – 0.375
3.18 – 9.53
48
2
96
100, 500
30.5, 152
GRP-170-1/2
1/2
12.70
0.250 – 0.750
6.35 – 19.05
56
3
168
100, 500
30.5, 152
GRP-170-3/4
3/4
19.05
0.500 – 1.250
12.70 – 31.75
72
3
216
50, 250
15.2, 76
GRP-170-1-1/4
1-1/4
31.75
0.750 – 1.750
19.05 – 44.45
96
4
384
50, 250
15.2, 76
GRP-170-1-3/4
1-3/4
44.45
1.250 – 2.500
31.75 – 63.50
120
4
480
50, 250
15.2, 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com