Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 5 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 5 Page - Alpha Wire

  PVC-105-2 Datasheet HTML 1Page - Alpha Wire PVC-105-2 Datasheet HTML 2Page - Alpha Wire PVC-105-2 Datasheet HTML 3Page - Alpha Wire PVC-105-2 Datasheet HTML 4Page - Alpha Wire PVC-105-2 Datasheet HTML 5Page - Alpha Wire PVC-105-2 Datasheet HTML 6Page - Alpha Wire PVC-105-2 Datasheet HTML 7Page - Alpha Wire PVC-105-2 Datasheet HTML 8Page - Alpha Wire PVC-105-2 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
485
Self-Fusing Silicone Tape
Where a masking wrap or
permanently resilient insulation
seal is necessary, self-adhering
silicone tape is made of special
unsupported silicone rubber
compound that readily adheres to
itself when wrapped under tension
and fuses to form a homogenous
mass within 24 hours at room
temperature or 4 hours at 177°C.
The self-adhering silicone is
protected with a polyester or
polyethylene liner to prevent
contamination and blocking.
Expandable Braided Polyester
Sleeving
GRP-110, GRP-120
GRP-110/120 is a lightweight,
expandable woven polyester
sleeving that offers high flexibility
with high resistance to abrasion
and cut-through. The open
weave allows for a great range of
expansion of the sleeving diameter,
thus ensuring ease of installation
and gripping action over a wide
range of shapes and sizes. GRP
sleeving is an ideal protective
sleeve for wire bundles, harnesses,
pneumatic hoses, hydraulic lines,
and highly polished or threaded
machine parts.
To prevent fraying of ends, GRP-110
and GRP-120 should be cut/sealed
with a hot knife.
Spiral Wrap Tubing
SW
Spiral wrap tubing simplifies wire
harnessing, cabling, and bundling.
Alpha’s SW tubing wraps tightly to
the wire and cable being bundled,
yet is flexible and simple to apply.
All types maintain flexibility even
when bent around sharp edges.
Breakouts or tapoff connections
may be made through the openings
of the wrap. SW spiral wrap is
constructed from several semirigid
tubing materials and then cut on a
continual spiral.
FIT® Wire Management
Better wire management means better harnesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com