Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-105-2 Datasheet(PDF) 20 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 20 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 16Page - Alpha Wire PVC-105-2 Datasheet HTML 17Page - Alpha Wire PVC-105-2 Datasheet HTML 18Page - Alpha Wire PVC-105-2 Datasheet HTML 19Page - Alpha Wire PVC-105-2 Datasheet HTML 20Page - Alpha Wire PVC-105-2 Datasheet HTML 21Page - Alpha Wire PVC-105-2 Datasheet HTML 22Page - Alpha Wire PVC-105-2 Datasheet HTML 23Page - Alpha Wire PVC-105-2 Datasheet HTML 24Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
500
FIT > FIT Wire Management > PVC-Coated Fiberglass Sleeving
FIT® Wire Management
PVC-Coated Fiberglass Sleeving
PIF-130
UL 1441 (600 VRMS)
UL VW-1
MIL-I-3190/2 Class 130
Type B Category b
NEMA TF-1 Grade A
• High temperature, abrasion, and
oil resistance
• Resists fraying, bending,
and knotting
Operating Temperature
• -20°C to +130°C
Color
• Black
Material
• PVC-coated fiberglass braid
Chemical Properties
• Corrosive effect: non-corrosive
• Fungus resistance: no growth
• Lead free
Electrical Properties
• Dielectric strength: 5000 V/mil
(1968 kV/cm)
• Volume resistivity: 109 ohm-cm
Availability
See tables
Spools may contain multiple
lengths
Standard Wall Thickness
Part No.
Inside Diameter, Min.
Inside Diameter, Max.
Wall Thickness, Min.
Standard Put-Ups
Inch
mm
Inch
mm
Inch
mm
Ft
m
PIF-130-20
0.032
0.81
0.039
0.99
0.013
0.33
100, 500, 1000
30.5, 152, 305
PIF-130-18
0.040
1.02
0.049
1.24
0.015
0.38
100, 500, 1000
30.5, 152, 305
PIF-130-16
0.051
1.30
0.061
1.55
0.015
0.38
100, 1000
30.5, 305
PIF-130-14
0.064
1.63
0.074
1.88
0.015
0.38
100
30.5
PIF-130-12
0.081
2.06
0.091
2.31
0.015
0.38
100, 500
30.5, 152
PIF-130-10
0.102
2.59
0.112
2.84
0.018
0.46
100, 500
30.5, 152
PIF-130-8
0.129
3.28
0.141
3.58
0.018
0.46
100, 500
30.5, 152
PIF-130-6
0.162
4.11
0.178
4.52
0.020
0.51
100, 250
30.5, 76
PIF-130-4
0.204
5.18
0.224
5.69
0.020
0.51
100, 250
30.5, 76
PIF-130-2
0.258
6.55
0.278
7.06
0.020
0.51
100, 250
30.5, 76
PIF-130-0
0.325
8.26
0.347
8.81
0.025
0.64
100
30.5
PIF-130-3/8
0.375
9.53
0.399
10.13
0.025
0.64
100
30.5
PIF-130-7/16
0.438
11.13
0.462
11.73
0.025
0.64
100
30.5
PIF-130-1/2A
0.500
12.70
0.524
13.31
0.025
0.64
100
30.5
PIF-130-5/8
0.625
15.88
0.655
16.64
0.025
0.64
100
30.5
PIF-130-3/4
0.750
19.05
0.786
19.96
0.025
0.64
100
30.5
PIF-130-7/8
0.875
22.23
0.911
23.14
0.025
0.64
100
30.5
PIF-130-1IN
1.000
25.40
1.036
26.31
0.025
0.64
100
30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com